Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5669 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # SP5669
Description  2.7GHz I2C Bus Controlled Synthesiser
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5669 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  SP5669_97 Datasheet HTML 1Page - Mitel Networks Corporation SP5669_97 Datasheet HTML 2Page - Mitel Networks Corporation SP5669_97 Datasheet HTML 3Page - Mitel Networks Corporation SP5669_97 Datasheet HTML 4Page - Mitel Networks Corporation SP5669_97 Datasheet HTML 5Page - Mitel Networks Corporation SP5669_97 Datasheet HTML 6Page - Mitel Networks Corporation SP5669_97 Datasheet HTML 7Page - Mitel Networks Corporation SP5669_97 Datasheet HTML 8Page - Mitel Networks Corporation SP5669_97 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
SP5669
RF
1 BIT
17 BIT LATCH
4 BIT
LATCH AND
PORT
INTERFACE
I
TRANSCEIVER
CRYSTAL
PUMP
DRIVE
ADDRESS
ADC
SDA
SCL
PORT P3
PORT P2
INPUTS
13
14
4
5
6
11
PROGRAMMABLE
DIVIDER
PUMP
REFERENCE
DIVIDER
PHASE
COMP
2 BIT
OSC
2
1
16
VEE
15
12 V
CC
9
8
7
2/1
13 BIT
COUNT
4 BIT
COUNT
4 BIT
10
PORT P1 PORT P0
16/17
3 REF/COMP
3 BIT ADC
PE
5 BIT LATCH and
MODE CONTROL
LOGIC
(see Fig. 5)
CHARGE
LATCH
LATCH
LOCK
DETECT
LATCH
DIVIDE RATIO
PRE
AMP
FL
F
PD /2
P0 TEST
CONTROL
POWER ON
DETECT
POR
C
2
CHARGE
(see Fig. 3)
Fcomp
Fref
F
pd
Fig. 2 Block diagram
ELECTRICAL CHARACTERISTICS
T amb = –20
°C to +80°C, V
CC = +4.5V to +5.5V. Reference frequency = 4MHz. These characteristics are guaranteed by
either production test or design. They apply within the specified ambient temperature and supply voltage ranges unless
otherwise stated.
Characteristics
Pin
Value
Units
Conditions
Min
Typ
Max
Supply current, I
CC
12
68
85
mA
V
CC = 5V prescaler enabled, PE = 1
58
73
mA
V
CC = 5V prescaler disabled, PE = 0
RF input voltage
13, 14
40
300
mV rms
300MHz to 2.7GHz Prescaled
enabled, PE = 1, See Fig. 7b.
13, 14
100
300
mV rms
80MHz Prescaler enabled,
PE=1, See Fig. 7b.
13,14
50
300
mV rms
80MHz to 2.0GHz Prescaler
disabled, PE = 0, See Fig. 7a.
RF input impedance
13, 14
50
Refer to Fig. 13
RF input capacitance
13, 14
2
pF
Refer to Fig. 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com