Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8714 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # SP8714
Description  2100MHz Very Low Current Multi-Modulus Divider
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8714 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  SP8714_96 Datasheet HTML 1Page - Mitel Networks Corporation SP8714_96 Datasheet HTML 2Page - Mitel Networks Corporation SP8714_96 Datasheet HTML 3Page - Mitel Networks Corporation SP8714_96 Datasheet HTML 4Page - Mitel Networks Corporation SP8714_96 Datasheet HTML 5Page - Mitel Networks Corporation SP8714_96 Datasheet HTML 6Page - Mitel Networks Corporation SP8714_96 Datasheet HTML 7Page - Mitel Networks Corporation SP8714_96 Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
SP8714
ELECTRICAL CHARACTERISTICS
Guaranteed over the following conditions (unless otherwise stated):
VCC=+2.7V to +5.25V (with respect to VEE), Output load (pin 4) = 10pF, Tamb = -40°C to +85°C (note 2)
Characteristic
Units
Conditions
Supply current
(note 3)
6.8
8.5
mA
Power down input low
Supply current
(note 3)
8
50
µA
Power down input high
Power down high
VCC-0.5
VCC
V
Power down low
0
VCC-2.0
V
Modulus control high
(note 4)
0.6VCC
VCC
V
Divide by 32 or 64
Modulus control low
(note 4)
0
0.4VCC
V
Divide by 33 or 65
Ratio select high
(note 4, 9)
0.6VCC
VCC
V
Divide by 32 or 33
Ratio select low
(note 4, 9)
0
0.4VCC
V
Divide by 64 or 65
Max. sinewave input frequency
2100
MHz
See Figure 5
Min. sinewave input frequency
200
MHz
See Figure 5
Min. RF input voltage
50
mV RMS RF input 200MHz to
2100MHz. See Figure 5
Max. RF input voltage
200
mV RMS RF input 200MHz to
2100MHz. See Figure 5
Output level (pin 4)
500
600
mV p-p
Modulus set-up time, ts
(notes 5,6,8)
10
ns
RF input = 1GHz
Modulus hold time, th
(notes 6,8)
1
ns
RF input = 1GHz
Power down time, tpd
(notes 7,8)
10
µs
See Figure 9
Power down recovery time, tpu(notes 7,8)
8
µs
See Figure 9
NOTES
2. All electrical testing is performed at +85°C.
3. Typical values are measured at +25°C and VCC = +5V.
4. Modulus Control and Ratio Select are high impedance inputs which can be driven directly by standard CMOS outputs.
5. Modulus control is latched at the end of the previous cycle.
6. See Figure 4.
7. See Figure 8.
8. These parameters are not tested but are guaranteed by design.
9. The ratio select pin is not intended to be switched dynamically.
Value
Min.
Typ.
Max.
ABSOLUTE MAXIMUM RATINGS
Supply voltage (VEE=0V)
(note 1)
-0.5V to 7V
Control and RF inputs,
RF output (VEE =0V)
(note 1) -0.5V to VCC+0.5V
RF input current
(note 1)
10mA
Operating temperature
-40°C to +85°C
Storage temperature range
-55°C to +150°C
Maximum junction temperature
+150°C
NOTE 1. Duration <2 minutes.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com