Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8714IGMPAS Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # SP8714IGMPAS
Description  2100MHz Very Low Current Multi-Modulus Divider
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8714IGMPAS Datasheet(HTML) 3 Page - Mitel Networks Corporation

  SP8714IGMPAS Datasheet HTML 1Page - Mitel Networks Corporation SP8714IGMPAS Datasheet HTML 2Page - Mitel Networks Corporation SP8714IGMPAS Datasheet HTML 3Page - Mitel Networks Corporation SP8714IGMPAS Datasheet HTML 4Page - Mitel Networks Corporation SP8714IGMPAS Datasheet HTML 5Page - Mitel Networks Corporation SP8714IGMPAS Datasheet HTML 6Page - Mitel Networks Corporation SP8714IGMPAS Datasheet HTML 7Page - Mitel Networks Corporation SP8714IGMPAS Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
SP8714
OPERATING NOTES
The RF inputs are biased internally and are normally coupled to the signal source with suitable capaitors.
The output stage has a novel design and is intended to drive a CMOS synthesiser input. External pull-down resistors or
circuits are not required. The SP8714 is not suitable for driving TTL or similar devices.
The device will operate down to DC frequencies for non-sinusoidal signals provided that the input slew rate is better than
100V/µs.
POWER DOWN (pin 7) is connected internally to a pull-up resistor. If the battery economy facility is not used, pin 7 should
be connected to VEE.
Fig. 3 Typical input characteristics
Ratio
Modulus
Division
Select
Control
Ratio
(Pin 3)
(Pin 6)
L
L
65
L
H
64
H
L
33
H
H
32
Table 1 Truth table
Fig. 4 Modulus control timing diagram
RF INPUT
CLOCK
MODULUS
CONTROL
INPUTS
OUTPUT
t s
t h
32 (16)
32 (16) or 33 (17)
DON'T CARE
DON'T CARE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com