Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

67068-8000.. Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 67068-8000..
Description  USB Products and Solutions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

67068-8000.. Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  67068-8000.. Datasheet HTML 1Page - Molex Electronics Ltd. 67068-8000.. Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
1.5A
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
30V (RMS)
Solder Process Data
Duration at Max. Process Temperature (seconds)
003
Lead-freeProcess Capability
WAVE
Max. Cycles at Max. Process Temperature
001
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-67068-001
Product Specification
PS-67998-0000
Sales Drawing
SD-67068-003, SD-67068-004
This document was generated on 10/26/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com