Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-RFM-008B-30 Datasheet(PDF) 2 Page - Texas Instruments

Part # RI-RFM-008B-30
Description  HIGH PERFORMANCE LF RADIO FREQUENCY MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-RFM-008B-30 Datasheet(HTML) 2 Page - Texas Instruments

  RI-RFM-008B-30 Datasheet HTML 1Page - Texas Instruments RI-RFM-008B-30 Datasheet HTML 2Page - Texas Instruments RI-RFM-008B-30 Datasheet HTML 3Page - Texas Instruments RI-RFM-008B-30 Datasheet HTML 4Page - Texas Instruments RI-RFM-008B-30 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
OPERATING CHARACTERISTICS
RI-RFM-007
SCBS869 – OCTOBER 1998
over operating free-air temperature range (unless otherwise noted)
RI-RFM-007B
RI-RFM-008B
RI-ACC-008B
7 to 24 Vdc regulated
Power Supply
If switched Power Supply is used, the frequency must be > 200 kHz
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
UNIT
RI-RFM-007B
RI-RFM-008B
RI-ACC-008B
(STANDARD RFM)
(REMOTE ANTENNA RFM)
(ANTENNA TUNING
MODULE)
Relative Humidity
Acc. to IEC 68-2-30 >= 93% non condensing, Test Db, 21 cycles
RF Transmit Power
To be set by pulse width to comply with PTT/FCC regulations
RF Transmit Frequency
134.2 kHz
max. 380 Vpeak
If used with customer
Antenna Resonance Voltage
max. 380 Vpeak
max. 380 Vpeak
designed antenna, it may be
necessary to limit the output
to 280 Vpeak
Antenna Tuning Range
26 to 27.9
26 to 27.9
8 to 80 (including cable)
µH
Dimensions (L
× W × H)
83
× 93 × 44 ± 1.5
83
× 93 × 44 ± 1.5
115
× 70 × 27 ± 1.5
mm
Weight
± 260
± 160
± 162
g
RECOMMENDED ACCESSORIES
Antenna Tuning Module
No
RI-ACC-008B
No
Digital Reader Module
RI-CTL-010A
RI-CTL-010A
No
Additional specifications and application conditions are defined in the relevant RFM Reference Manual
(11-06-21-042
(SCBU022)
&
11-06-21-033)
available
on
internet
at:
http://www.ti.com/mc/docs/tiris/docs/specs/htm.
Texas Instruments reserves the right to change its products and services at any time without notice. TI provides
customer assistance in various technical areas, but does not have full access to data concerning the uses and
applications of customer's products. Therefore, TI assumes no responsibility for customer product design or for
infringement of patents and/or the rights of third parties, which may result from assistance provided by TI.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com