Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP485E Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP485E
Description  Enhanced Low Power Half-Duplex RS-485 Transceivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP485E Datasheet(HTML) 1 Page - Sipex Corporation

  SP485E Datasheet HTML 1Page - Sipex Corporation SP485E Datasheet HTML 2Page - Sipex Corporation SP485E Datasheet HTML 3Page - Sipex Corporation SP485E Datasheet HTML 4Page - Sipex Corporation SP485E Datasheet HTML 5Page - Sipex Corporation SP485E Datasheet HTML 6Page - Sipex Corporation SP485E Datasheet HTML 7Page - Sipex Corporation SP485E Datasheet HTML 8Page - Sipex Corporation SP485E Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
May11-2007
SP481E Low Power Half-Duplex RS485 Transceivers
© 2007 Sipex Corporation
SP481E/SP485E
FEATURES
■ +5V Only
■ Low Power BiCMOS
■ Driver/Receiver Enable for Multi-Drop
configurations
■ Low Power Shutdown Mode
(SP481E)
■ Enhanced ESD Specifications:
+15KV Human Body Model
+15KV IEC1000-4-2 Air Discharge
+8KV IEC1000-4-2 Contact Discharge
■ Available in RoHS Compliant, Lead Free
Packaging: NSOIC and PDIP
Enhanced Low Power Half-Duplex
RS-485 Transceivers
R
D
RO 1
RE 2
DE 3
DI 4
8 Vcc
7 B
6 A
5 GND
SP481E and SP485E
The SP481E and the SP485E are a family of half-duplex transceivers that meet the
specifications of RS-485 and RS-422 serial protocols with enhanced ESD performance. The
ESD tolerance has been improved on these devices to over +15KV for both Human Body
Model and IEC1000-4-2 Air Discharge Method. These devices are pin-to-pin compatible with
Sipex's SP481 and SP485 devices as well as popular industry standards. As with the original
versions, the SP481E and the SP485E feature Sipex's BiCMOS design allowing low power
operation without sacrificing performance. The SP481E and SP485E meet the requirements
of the RS-485 and RS-422 protocols up to 10Mbps under load. The SP481E is equipped with
a low power Shutdown mode.
DESCRIPTION
SP481E and SP485E
Pinout (Top View)
RO 1
RE 2
DE 3
DI 4
8
VCC
7
B
6
A
5
GND
D
R
SP485
Top View


Similar Part No. - SP485E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP485E SIPEX-SP485E Datasheet
519Kb / 11P
Enhanced Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485E EXAR-SP485E Datasheet
618Kb / 12P
Enhanced Low Power Half-Duplex RS-485 Transceivers
logo
Guangdong Youtai Semico...
SP485E UMW-SP485E Datasheet
411Kb / 6P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Sipex Corporation
SP485ECN SIPEX-SP485ECN Datasheet
100Kb / 11P
Enhanced Low Power Half-Duplex RS-485 Transceivers
SP485ECN SIPEX-SP485ECN Datasheet
519Kb / 11P
Enhanced Low Power Half-Duplex RS-485 Transceivers
More results

Similar Description - SP485E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
Low Power Half-Duplex RS-485 Transceivers
SP481E SIPEX-SP481E Datasheet
100Kb / 11P
Enhanced Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
Low Power Half-Duplex RS-485 Transceivers
SP481E SIPEX-SP481E Datasheet
519Kb / 11P
Enhanced Low Power Half-Duplex RS-485 Transceivers
SP1481E SIPEX-SP1481E Datasheet
73Kb / 11P
짹15kV Enhanced Low Power Half-Duplex RS-485 Transceivers
SP1485E SIPEX-SP1485E Datasheet
78Kb / 11P
Enhanced Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481_04 Datasheet
168Kb / 10P
Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP481E EXAR-SP481E Datasheet
618Kb / 12P
Enhanced Low Power Half-Duplex RS-485 Transceivers
SP1481E EXAR-SP1481E Datasheet
576Kb / 10P
Enhanced Low Power Half-Duplex RS-485 Transceivers
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
Low Power Half-Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com