Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP13P06Y Datasheet(PDF) 6 Page - A POWER MICROELECTRONICS

Part # AP13P06Y
Description  -60V P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP13P06Y Datasheet(HTML) 6 Page - A POWER MICROELECTRONICS

  AP13P06Y Datasheet HTML 1Page - A POWER MICROELECTRONICS AP13P06Y Datasheet HTML 2Page - A POWER MICROELECTRONICS AP13P06Y Datasheet HTML 3Page - A POWER MICROELECTRONICS AP13P06Y Datasheet HTML 4Page - A POWER MICROELECTRONICS AP13P06Y Datasheet HTML 5Page - A POWER MICROELECTRONICS AP13P06Y Datasheet HTML 6Page - A POWER MICROELECTRONICS AP13P06Y Datasheet HTML 7Page - A POWER MICROELECTRONICS AP13P06Y Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AP13P06Y
-60V P-Channel Enhancement Mode MOSFET
AP13P06Y RVE1.0
永源微電子科技有限公司
Package Mechanical Data-TO-251S-3L
Symbol
Common
mm
Mim
Nom
Max
A
2.2
2.3
2.4
A1
0.9
1.0
1.1
b
0.66
0.76
0.86
C
0.46
0.52
0.58
D
6.50
6.6
6.7
D1
5.15
5.3
5.45
D2
4.6
4.8
4.95
E
10.4
----
11.5
E1
6.0
6.1
6.2
E2
5.400REF
e
2.286BSC
L
3.5
4.0
4.3
L1
0.9
---
1.27
L2
1.4
---
1.9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com