Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP13P20P Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP13P20P
Description  -200V P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP13P20P Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP13P20P Datasheet HTML 1Page - A POWER MICROELECTRONICS AP13P20P Datasheet HTML 2Page - A POWER MICROELECTRONICS AP13P20P Datasheet HTML 3Page - A POWER MICROELECTRONICS AP13P20P Datasheet HTML 4Page - A POWER MICROELECTRONICS AP13P20P Datasheet HTML 5Page - A POWER MICROELECTRONICS AP13P20P Datasheet HTML 6Page - A POWER MICROELECTRONICS AP13P20P Datasheet HTML 7Page - A POWER MICROELECTRONICS AP13P20P Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP13P20PIT
-200V P-Channel Enhancement Mode MOSFET
AP13P20P/T RVE1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = -250 μA
-200
-
-
V
VGS(th)
Gate-Source Threshold Voltage
VDS = VGS, ID = -250 μA
-2.0
-
-4.0
V
IGSS
Gate-Source Leakage
VGS = ± 20 V
-
-
± 100
nA
IDSS
Zero Gate Voltage Drain Current
VDS = -200 V, VGS = 0 V
-
-
-100
μA
RDS(on)
Drain-Source On-State Resistance
VGS = -10 V ID = -5.5 A b
-
340
420
mΩ
gfs
Forward Transconductance
VDS = -50 V, ID = -6.6 A b
4.1
-
-
S
Ciss
Input Capacitance
VGS = 0 V,
VDS=-25 V, f=1.0 MHz,
-
1200
-
pF
Coss
Output Capacitance
-
370
-
pF
Crss
Reverse Transfer Capacitance
-
81
-
pF
Qg
Total Gate Charge
VGS=-10V ID=-11 A
VDS=-160V
-
-
44
nC
Qgs
Gate-Source Charge
-
-
7.1
nC
Qgd
Gate-Drain Charge
-
-
27
nC
td(on)
Turn-On Delay Time
VDD=-100V, ID=-11A Rg=9.1Ω
-
14
-
ns
tr
Rise Time
-
43
-
ns
td(off)
Turn-Off Delay Time
-
39
-
ns
tf
Fall Time
-
38
-
ns
Rg
Gate Input Resistance
f=1 MHz, open drain
0.3
-
1.7
Ω
IS
Continuous Source-Drain Diode Current
-
-
-13
A
ISM
Pulsed Diode Forward Current
-
-
-44
VSD
Body Diode Voltage
TJ=25 °C, IS= -11A, VGS=0 Vb
-
-
-5
V
trr
Body Diode Reverse Recovery Time
TJ=25 °C, IF=-11A,
dI/dt=100 A/μs b
-
250
300
ns
Qrr
Body Diode Reverse Recovery Charge
-
2.9
3.6
μC
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2
、The EAS data shows Max. rating . L=1mH IAS=-11A, VDD=-160V, RG=25Ω, Starting TJ = 25 ºC
3
、The test condition is Pulse Test: Pulse width ≤ 300μs, Duty Cycle ≤ 1%
4
、The power dissipation is limited by 150℃ junction temperature
5
、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com