Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP13P20T Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP13P20T
Description  -200V P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP13P20T Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP13P20T Datasheet HTML 1Page - A POWER MICROELECTRONICS AP13P20T Datasheet HTML 2Page - A POWER MICROELECTRONICS AP13P20T Datasheet HTML 3Page - A POWER MICROELECTRONICS AP13P20T Datasheet HTML 4Page - A POWER MICROELECTRONICS AP13P20T Datasheet HTML 5Page - A POWER MICROELECTRONICS AP13P20T Datasheet HTML 6Page - A POWER MICROELECTRONICS AP13P20T Datasheet HTML 7Page - A POWER MICROELECTRONICS AP13P20T Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP13P20PIT
-200V P-Channel Enhancement Mode MOSFET
AP13P20P/T RVE1.0
永源微電子科技有限公司
V
Description
The AP13P20P/T is silicon P-channel Enhanced
VDMOSFETs, is obtained by the self-aligned planar Technology
which reduce the conduction loss, improve switching
performance and enhance the avalanche energy. The transistor
can be used in various power switching circuit for system
miniaturization and higher efficiency.
General Features
DS
=-200V ID =13A
RDS(ON) < 420mΩ @ VGS=10V (Type:340mΩ)
Application
Uninterruptible Power Supply(UPS)
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP13P20P
TO-220-3L
AP13P20P XXX YYYY
1000
AP13P20T
AP13P20T
TO-263-3L
XXX YYYY
800
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-200
V
VGS
Gate-Source Voltage
± 20
V
ID@TC= 25°C
Continuous Drain Current
-13
A
ID@TC=100°C
Continuous Drain Current
-7.2
A
IDM
Pulsed Drain Current a
-52
A
EAS
Single Pulse Avalanche Energy b
750
mJ
IAR
Repetitive Avalanche Current a
-11
A
EAR
Repetitive Avalanche Energy a
13
mJ
PDTC=25°C
Maximum Power Dissipation
125
W
TJ, Tstg
Operating Junction and Storage Temperature Range
-55 to +150
°C
RthJA
Maximum Junction-to-Ambient
62
°C/W
RthJC
Maximum Junction-to-Case (Drain)
1.0
°C/W


Similar Part No. - AP13P20T

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP13P20D APME-AP13P20D Datasheet
1Mb / 7P
200V P-Channel Enhancement Mode MOSFET
More results

Similar Description - AP13P20T

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP2120G4 ZETEX-ZXMP2120G4 Datasheet
442Kb / 6P
200V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP2120E5 ZETEX-ZXMP2120E5 Datasheet
384Kb / 6P
200V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP2120FF ZETEX-ZXMP2120FF Datasheet
410Kb / 10P
200V SOT23F P-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMP2120E5 DIODES-ZXMP2120E5 Datasheet
391Kb / 6P
200V P-CHANNEL ENHANCEMENT MODE MOSFET
SEPTEMBER 2006
ZXMP2120FF DIODES-ZXMP2120FF Datasheet
423Kb / 10P
200V SOT23F P-channel enhancement mode MOSFET
JANUARY 2007
ZXMP2120G4 DIODES-ZXMP2120G4 Datasheet
422Kb / 6P
200V P-CHANNEL ENHANCEMENT MODE MOSFET
SEPTEMBER 2006
ZXMP2120E5 DIODES-ZXMP2120E5_15 Datasheet
718Kb / 7P
200V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
ZXMP2120G4 DIODES-ZXMP2120G4_15 Datasheet
745Kb / 7P
200V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
Cystech Electonics Corp...
MTD2K5P20KM3 CYSTEKEC-MTD2K5P20KM3 Datasheet
402Kb / 9P
-200V P-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LMAK13P20 LEIDITECH-LMAK13P20 Datasheet
2Mb / 5P
-200V P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com