Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP15H10NF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP15H10NF
Description  100V NN-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP15H10NF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP15H10NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP15H10NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP15H10NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP15H10NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP15H10NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP15H10NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP15H10NF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP15H10NF
100V N+N-Channel Enhancement Mode MOSFET
AP15H10NF REV1.0
永源微電子科技有限公司
Description
The AP15H10NF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 100V ID =18A
RDS(ON) < 85mΩ@ VGS=10V (Type:68mΩ)
Application
LED Dimming
Brush motor
Switch
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP15H10NF
PDFN5*6-8L
AP15H10NF XXX YYYY
5000
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
100
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25℃
Drain Current, VGS @ 10V
18
A
ID@TC=100℃
Drain Current, VGS @ 10V
12.8
A
IDM
Pulsed Drain Current1
45
A
PD@TC=25℃
Total Power Dissipation
45
W
PD@TA=25℃
Total Power Dissipation3
2.7
W
EAS
Single Pulse Avalanche Energy4
7
mJ
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Maximum Thermal Resistance, Junctionambient
25
℃
/W
RθJC
Maximum Thermal Resistance, Junction-case
5.1
℃
/W


Similar Part No. - AP15H10NF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP15H10S APME-AP15H10S Datasheet
1,008Kb / 7P
100V NN-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP15H10NF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A08DN8 DIODES-ZXMN10A08DN8 Datasheet
185Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
JANUARY 2005
ZXMN10A09K DIODES-ZXMN10A09K Datasheet
660Kb / 8P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 7
ZXMN10A11K DIODES-ZXMN10A11K Datasheet
670Kb / 8P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMT10H015LK3 DIODES-DMT10H015LK3 Datasheet
533Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
Shanghai Leiditech Elec...
LMTL5N10 LEIDITECH-LMTL5N10 Datasheet
6Mb / 5P
100V N-Channel Enhancement Mode MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW8H10S YFWDIODE-YFW8H10S Datasheet
1Mb / 5P
100V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW10H10S YFWDIODE-YFW10H10S Datasheet
1Mb / 5P
100V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFWG40H10NF YFWDIODE-YFWG40H10NF Datasheet
1Mb / 5P
100V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com