Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP15P10D Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP15P10D
Description  -100V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP15P10D Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP15P10D Datasheet HTML 1Page - A POWER MICROELECTRONICS AP15P10D Datasheet HTML 2Page - A POWER MICROELECTRONICS AP15P10D Datasheet HTML 3Page - A POWER MICROELECTRONICS AP15P10D Datasheet HTML 4Page - A POWER MICROELECTRONICS AP15P10D Datasheet HTML 5Page - A POWER MICROELECTRONICS AP15P10D Datasheet HTML 6Page - A POWER MICROELECTRONICS AP15P10D Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP15P10D
-100V P-Channel Enhancement Mode MOSFET
AP15P10D RVE1.0
永源微電子科技有限公司
P-Channel Electrical Characteristics (TJ =25 ℃, unless otherwise noted)
Symbol
Parameter
Test Condition
Min.
Typ
Max.
Uni ts
BVDSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = -250μA
-100
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = -80V, VGS = 0V
-
-
1
μA
IGSS
Gate to Body Leakage Current
VDS = 0V, VGS = ±20V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = -250μA
-1.0
-
-2.5
V
RDS(on)
Static Drain-Source On-Resistance note1
VGS = -10V, ID = -2A
-
145
185
mΩ
VGS = -4.5V, ID = -1A
-
170
200
Ciss
Input Capacitance
VDS = -50V, VGS = 0V, f
= 1.0MHz
-
1545
-
pF
Coss
Output Capacitance
-
37
-
pF
Crss
Reverse Transfer Capacitance
-
25
-
pF
Qg
Total Gate Charge
VDD = -50V, ID = -2A,
VGS = -10V
-
27
-
nC
Qgs
Gate-Source Charge
-
5.3
-
nC
Qgd
Gate-Drain(“Miller”) Charge
-
3.2
-
nC
td(on)
Turn-On Delay Time
VDS = -50V, ID = -2A
RG=4.5Ω, RL=25Ω
VGEN = - 10 V
-
10
-
ns
tr
Turn-On Rise Time
-
27
-
ns
td(off)
Turn-Off Delay Time
-
288
-
ns
tf
Turn-Off Fall Time
-
88
-
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
-18
A
VSD
Drain to Source Diode Forward Voltage note1
VGS = 0V, IS =-2A
-
-
-1.3
V
trr
Reverse Recovery Time
VGS = 0V, Isd= -6A, di/dt
=100A/μs
-
40
-
nS
Qrr
Reverse Recovery Charge
-
28
-
nC
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The EAS data shows Max. rating . The test condition is V DD =-72V,VGS =-10V,L=0.1mH,IAS =-15A
4、The power dissipation is limited by 150℃ junction temperature
5、The data is theoretically the same as I D and I DM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com