Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP4N150 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP4N150
Description  N-channel 1500 V - 5 廓 - 4 A - PowerMESH??Power MOSFET TO-220 - TO-220FH - TO-247 - TO-3PF
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4N150 Datasheet(HTML) 1 Page - STMicroelectronics

  STP4N150 Datasheet HTML 1Page - STMicroelectronics STP4N150 Datasheet HTML 2Page - STMicroelectronics STP4N150 Datasheet HTML 3Page - STMicroelectronics STP4N150 Datasheet HTML 4Page - STMicroelectronics STP4N150 Datasheet HTML 5Page - STMicroelectronics STP4N150 Datasheet HTML 6Page - STMicroelectronics STP4N150 Datasheet HTML 7Page - STMicroelectronics STP4N150 Datasheet HTML 8Page - STMicroelectronics STP4N150 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
April 2008
Rev 6
1/16
16
STFV4N150 - STFW4N150
STP4N150 - STW4N150
N-channel 1500 V - 5
Ω - 4 A - PowerMESH™ Power MOSFET
TO-220 - TO-220FH - TO-247 - TO-3PF
Features
■ 100% avalanche tested
■ Intrinsic capacitances and Qg minimized
■ High speed switching
■ Fully isolated TO-3PF and TO-220FH plastic
packages
■ Creepage distance path is 5.4 mm (typ.) for
TO-3PF
■ Creepage distance path is > 4 mm for
TO-220FH
Application
■ Switching applications
Description
Using the well consolidated high voltage MESH
OVERLAY™ process, STMicroelectronics has
designed an advanced family of very high voltage
Power MOSFETs with outstanding performances.
The strengthened layout coupled with the
company’s proprietary edge termination structure,
gives the lowest RDS(on) per area, unrivalled gate
charge and switching characteristics.
Figure 1.
Internal schematic diagram.
Type
VDSS
RDS(on) max
ID
STFV4N150
STFW4N150 (1)
STP4N150
STW4N150
1.
All data which refers solely to the TO-3PF package is
preliminary
1500 V
1500 V
1500 V
1500 V
< 7
Ω
< 7
Ω
< 7
Ω
< 7
Ω
4 A
4 A
4 A
4 A
TO-220
TO-247
1
2
3
1
2
3
1
2
3
TO-3PF
1
2
3
TO-220FH
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STFV4N150
4N150
TO-220FH
Tube
STFW4N150
4N150
TO-3PF
Tube
STP4N150
P4N150
TO-220
Tube
STW4N150
W4N150
TO-247
Tube
www.st.com


Similar Part No. - STP4N150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP4N150 STMICROELECTRONICS-STP4N150 Datasheet
310Kb / 11P
N-CHANNEL 1500V - 5 - 4A TO-220/TO-247 Very High Voltage PowerMESH MOSFET
07-Jul-2005
STP4N150 STMICROELECTRONICS-STP4N150 Datasheet
365Kb / 14P
N-channel 1500V - 5廓 - 4A - TO-220/TO-247 Very high PowerMESH??Power MOSFET
10-Aug-2006
STP4N150 STMICROELECTRONICS-STP4N150 Datasheet
762Kb / 15P
N-channel 1500 V, 5 Ω, 4 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
23-Jul-2009
logo
Inchange Semiconductor ...
STP4N150 ISC-STP4N150 Datasheet
332Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP4N150 STMICROELECTRONICS-STP4N150_06 Datasheet
365Kb / 14P
N-channel 1500V - 5廓 - 4A - TO-220/TO-247 Very high PowerMESH??Power MOSFET
10-Aug-2006
More results

Similar Description - STP4N150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP4N150 STMICROELECTRONICS-STP4N150 Datasheet
310Kb / 11P
N-CHANNEL 1500V - 5 - 4A TO-220/TO-247 Very High Voltage PowerMESH MOSFET
07-Jul-2005
STFV4N150 STMICROELECTRONICS-STFV4N150_07 Datasheet
249Kb / 13P
N-channel 1500V - 5廓 - 4A - TO-220FH Very high voltage PowerMESH??Power MOSFET
06-Mar-2007
STP4N150 STMICROELECTRONICS-STP4N150_06 Datasheet
365Kb / 14P
N-channel 1500V - 5廓 - 4A - TO-220/TO-247 Very high PowerMESH??Power MOSFET
10-Aug-2006
STP11NM80 STMICROELECTRONICS-STP11NM80_10 Datasheet
949Kb / 17P
N-channel 800 V, 0.35 Ω, 11 A MDmesh™Power MOSFET TO-220, TO-220FP, D2PAK, TO-247
24-Mar-2010
STP5NK100Z STMICROELECTRONICS-STP5NK100Z_09 Datasheet
462Kb / 15P
N-channel 1000 V, 2.7 Ω, 3.5 A, TO-220, TO-220FP, TO-247 SuperMESH3??Power MOSFET
15-May-2009
STFW4N150 STMICROELECTRONICS-STFW4N150_09 Datasheet
762Kb / 15P
N-channel 1500 V, 5 Ω, 4 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
23-Jul-2009
STFW3N150 STMICROELECTRONICS-STFW3N150_10 Datasheet
765Kb / 15P
N-channel 1500 V, 6 Ω, 2.5 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
29-Jun-2010
STF34NM60N STMICROELECTRONICS-STF34NM60N Datasheet
941Kb / 17P
N-channel 600 V, 0.092 Ω, 29 A MDmesh??II Power MOSFET TO-220, TO-247, TO-220FP
08-Mar-2011
STP6N120K3 STMICROELECTRONICS-STP6N120K3 Datasheet
798Kb / 17P
N-channel 1200 V, 1.95 Ω typ., 6 A SuperMESH3??Power MOSFET in TO-3PF, TO-220 and TO-247 packages
14-Nov-2012
logo
List of Unclassifed Man...
STW17N62K3 ETC2-STW17N62K3 Datasheet
976Kb / 17P
N-channel 620 V, 0.28 廓, 15.5 A, TO-220FP, TO-220, TO-247 SuperMESH3??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com