Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP18G03DF Datasheet(PDF) 3 Page - A POWER MICROELECTRONICS

Part # AP18G03DF
Description  30V NP-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP18G03DF Datasheet(HTML) 3 Page - A POWER MICROELECTRONICS

  AP18G03DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP18G03DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP18G03DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP18G03DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP18G03DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP18G03DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP18G03DF Datasheet HTML 7Page - A POWER MICROELECTRONICS AP18G03DF Datasheet HTML 8Page - A POWER MICROELECTRONICS AP18G03DF Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AP18G03DF
30V N+P-Channel Enhancement Mode MOSFET
AP18G03DF REV1.0
永源微電子科技有限公司
P-
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0V, ID= -250μA
-30
-34
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = -30V, VGS = 0V,
-
-
-1
μA
IGSS
Gate to Body Leakage Current
VDS =0V, VGS = ±20V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID= -250μA
-0.5
-0.9
-1.5
V
RDS(on)
Static Drain-Source on-Resistance note2
VGS =-10V, ID =-4A
-
35
40
mΩ
RDS(on)
Static Drain-Source on-Resistance note2
VGS =-4.5V, ID =-3A
40
55
mΩ
RDS(on)
Static Drain-Source on-Resistance note2
VGS =-2.5V, ID =-1A
-
55
80
mΩ
Ciss
Input Capacitance
VDS = -15V, VGS = 0V,
f = 1.0MHz
-
745
-
pF
Coss
Output Capacitance
-
70
-
pF
Crss
Reverse Transfer Capacitance
-
57
-
pF
Qg
Total Gate Charge
VDS= -15V, ID = -5.1A,
VGS = -10V
-
8
-
nC
Qgs
Gate-Source Charge
-
1.8
-
nC
Qgd
Gate-Drain(“Miller”) Charge
-
2.7
-
nC
td(on)
Turn-on Delay Time
VDD = -15V, ID = -1A,
VGS=-10V, RGEN=2.5Ω
-
7
-
ns
tr
Turn-on Rise Time
-
3
-
ns
td(off)
Turn-off Delay Time
-
30
-
ns
tf
Turn-off Fall Time
-
12
-
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
-15.8
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0V, IS = -5.1A
-
-0.8
-1.2
V
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The power dissipation is limited by 150℃ junction temperature
4、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com