Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7L09 Datasheet(PDF) 91 Page - STMicroelectronics

Part # ST7L09
Description  8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7L09 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button ST7L09 Datasheet HTML 87Page - STMicroelectronics ST7L09 Datasheet HTML 88Page - STMicroelectronics ST7L09 Datasheet HTML 89Page - STMicroelectronics ST7L09 Datasheet HTML 90Page - STMicroelectronics ST7L09 Datasheet HTML 91Page - STMicroelectronics ST7L09 Datasheet HTML 92Page - STMicroelectronics ST7L09 Datasheet HTML 93Page - STMicroelectronics ST7L09 Datasheet HTML 94Page - STMicroelectronics ST7L09 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 104 page
background image
ST7L05, ST7L09
91/104
ADC CHARACTERISTICS (Cont’d)
13.11 8-BIT ADC CHARACTERISTICS
Subject to general operating conditions for VDD, fOSC and TA (-40 to +105°C), unless otherwise specified.
Notes:
1. Unless otherwise specified, typical data is based on TA = 25°C and VDD -VSS = 5V. They are given only as design
guidelines and are not tested.
2. Data based on characterization results, not tested in production.
3. Any added external serial resistor will downgrade the ADC accuracy (especially for resistance greater than 10k
Ω). Data
based on characterization results, not tested in production.
4. The stabilization time of the AD converter is masked by the first tLOAD. The first conversion after the enable is then
always valid.
Figure 68. Typical Application with ADC
Symbol
Parameter
Conditions
Min2) Typ1) Max2)
Unit
fADC
ADC clock frequency
4
MHz
VAIN
Conversion voltage range
VSS
VDD
V
RAIN
External input resistor
103)
k
CADC
Internal sample and hold capacitor
VDD = 5V
3
pF
tSTAB
Stabilization time after ADC enable
fCPU = 8 MHz, fADC = 4 MHz
04)
µs
tCONV
Conversion time (tSAMPLE +tHOLD)3
tSAMPLE
Sample capacitor loading time
4
1/fADC
tHOLD
Hold conversion time
8
AINx
ST7XX
VDD
IL
±1µA
VT
0.6V
VT
0.6V
CADC
3pF
VAIN
RAIN
8-bit A/D
Conversion
2k
Ω(max)
CAIN
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com