Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FL05Y0MB Datasheet(PDF) 73 Page - STMicroelectronics

Part # ST7FL05Y0MB
Description  8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FL05Y0MB Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ST7FL05Y0MB Datasheet HTML 69Page - STMicroelectronics ST7FL05Y0MB Datasheet HTML 70Page - STMicroelectronics ST7FL05Y0MB Datasheet HTML 71Page - STMicroelectronics ST7FL05Y0MB Datasheet HTML 72Page - STMicroelectronics ST7FL05Y0MB Datasheet HTML 73Page - STMicroelectronics ST7FL05Y0MB Datasheet HTML 74Page - STMicroelectronics ST7FL05Y0MB Datasheet HTML 75Page - STMicroelectronics ST7FL05Y0MB Datasheet HTML 76Page - STMicroelectronics ST7FL05Y0MB Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 104 page
background image
ST7L05, ST7L09
73/104
13 ELECTRICAL CHARACTERISTICS
13.1 PARAMETER CONDITIONS
Unless otherwise specified, all voltages are re-
ferred to VSS.
13.1.1 Minimum and Maximum Values
Unless otherwise specified, the minimum and
maximum values are guaranteed in the worst con-
ditions of ambient temperature, supply voltage and
frequencies by tests in production on 100% of the
devices with an ambient temperature at TA = 25°C
and TA =TAmax (given by the selected tempera-
ture range).
Data based on characterization results, design
simulation and/or technology characteristics are
indicated in the table footnotes and are not tested
in production. Based on characterization, the min-
imum and maximum values refer to sample tests
and represent the mean value plus or minus three
times the standard deviation (mean ± 3
Σ).
13.1.2 Typical Values
Unless otherwise specified, typical data is based
on TA =25°C, VDD = 5V (for the 4.5V ≤ VDD ≤ 5.5V
voltage
range),
VDD = 3.3V
(for
the
3V
≤ V
DD ≤ 3.6V voltage range). They are given
only as design guidelines and are not tested.
13.1.3 Typical Curves
Unless otherwise specified, all typical curves are
given only as design guidelines and are not tested.
13.1.4 Loading Capacitor
The loading conditions used for pin parameter
measurement are shown in Figure 40.
Figure 40. Pin Loading Conditions
13.1.5 Pin Input Voltage
The input voltage measurement on a pin of the de-
vice is described in Figure 41.
Figure 41. Pin Input Voltage
CL
ST7 PIN
VIN
ST7 PIN
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com