Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4431 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS4431
Description  1.224V Open Collector Shunt Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4431 Datasheet(HTML) 4 Page - STMicroelectronics

  TS4431 Datasheet HTML 1Page - STMicroelectronics TS4431 Datasheet HTML 2Page - STMicroelectronics TS4431 Datasheet HTML 3Page - STMicroelectronics TS4431 Datasheet HTML 4Page - STMicroelectronics TS4431 Datasheet HTML 5Page - STMicroelectronics TS4431 Datasheet HTML 6Page - STMicroelectronics TS4431 Datasheet HTML 7Page - STMicroelectronics TS4431 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Electrical Characteristics
TS4431
4/8
3
Electrical Characteristics
Table 3.
Electrical characteristics for Tamb = 25°C, VCC = 1.8V, ISINK = 2mA unless
otherwise specified
Note:
Limits are 100% production tested at 25°C. Limits over temperature are guaranteed through
correlation and by design.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VREF
Reference voltage TS4431A 0.5%
1.218
1.224
1.230
V
-40°C < T < +85°C
1.209
1.239
VREF
Reference voltage TS4431 1%
1.212
1.224
1.236
V
-40°C < T < +85°C
1.203
1.245
TC
Temperature coefficient
100
ppm/°C
Change in VREF due to change in
VCC
VCC=1.5 to 10V
12
mV
-40°C < T < +85°C
2
3
Change in VREF due to change in
ISINK
ISINK=0.5 to 20mA
710
mV
-40°C < T < +85°C
15
ICC
Supply current
ISINK=2mA
250
300
µA
-40°C < T < +85°C
350
IOFF
OFF-State supply current
Ref < 0.6V
15
20
µA
-40°C < T < +85°C
30
IREF
Reference input current
0.1< ISINK < 10mA
0.4
1
µA
-40°C < T < +85°C
2
VSAT
Output transistor saturation
voltage
ISINK=5mA
30
50
mV
-40°C < T < +85°C
60
ISINK=20mA
90
100
-40°C < T < +85°C
120
IOH
Output leakage current
VSINK=VCC
0.05
µA
-40°C < T < +85°C
0.1
V
REF
V
CC
-----------------
V
REF
I
SIN K
-----------------



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com