Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4431AILT Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS4431AILT
Description  1.224V Open Collector Shunt Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4431AILT Datasheet(HTML) 5 Page - STMicroelectronics

  TS4431AILT Datasheet HTML 1Page - STMicroelectronics TS4431AILT Datasheet HTML 2Page - STMicroelectronics TS4431AILT Datasheet HTML 3Page - STMicroelectronics TS4431AILT Datasheet HTML 4Page - STMicroelectronics TS4431AILT Datasheet HTML 5Page - STMicroelectronics TS4431AILT Datasheet HTML 6Page - STMicroelectronics TS4431AILT Datasheet HTML 7Page - STMicroelectronics TS4431AILT Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Electrical Characteristics
TS4431
5/8
Figure 2.
Vref vs. temp. Isink=2mA
Figure 3.
Vref vs. temp. Isink=2mA
Figure 4.
dVref/dVcc vs. temp. Isink=2mA
Figure 5.
Icc vs. temp. Isink=2mA
Figure 6.
Icc vs. temp. Isink=2mA
Figure 7.
Vref vs. temp. Vcc=1.8V
1.218
1.219
1.22
1.221
1.222
1.223
1.224
1.225
-40°C -20°C
0°C
25°C
50°C
85°C
Te m perature (°C)
Vcc=1.8V
1.216
1.218
1.22
1.222
1.224
1.226
1.228
-40°C -20°C
0°C
25°C 50°C
85°C
Tem perature (°C)
Vcc=10V
Vcc=1.5V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-40°C
-20°C
0°C
25°C
50°C
85°C
Te m perature (°C)
Vcc=1.5V to 10V
0
50
100
150
200
250
300
350
-40°C -20°C
0°C
25°C
50°C
85°C
Tem perature (°C)
Vcc=1.8V
0
50
100
150
200
250
300
350
400
-40°C -20°C
0°C
25°C
50°C
85°C
Te m pe rature (°C)
Vcc=1.5V
Vcc=10V
1.215
1.22
1.225
1.23
1.235
-40°C
-20°C
0°C
25°C
50°C
85°C
Tem perature (°C)
Isink=20mA
Isink=0.5mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com