Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4855 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TS4855
Description  LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4855 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TS4855_04 Datasheet HTML 9Page - STMicroelectronics TS4855_04 Datasheet HTML 10Page - STMicroelectronics TS4855_04 Datasheet HTML 11Page - STMicroelectronics TS4855_04 Datasheet HTML 12Page - STMicroelectronics TS4855_04 Datasheet HTML 13Page - STMicroelectronics TS4855_04 Datasheet HTML 14Page - STMicroelectronics TS4855_04 Datasheet HTML 15Page - STMicroelectronics TS4855_04 Datasheet HTML 16Page - STMicroelectronics TS4855_04 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Electrical Characteristics
TS4855
13/27
Figure 19: Speaker output power vs. power
supply voltage (Output modes 1, 3, 5, 7)
Figure 20: Speaker output power vs. power
supply voltage (Output modes 1, 3, 5, 7)
Figure 21: Headphone output power vs. power
supply voltage (Output modes 2, 3, 4, 5, 6, 7)
Figure 22: Headphone output power vs. power
supply voltage (Output modes 2, 3, 4, 5, 6, 7)
Figure 23: Speaker output power vs. load
resistance (Output modes 1, 3, 5, 7)
Figure 24: Speaker output power vs. load
resistance (Output modes 1, 3, 5, 7)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
F = 1kHz
BW < 125kHz
Tamb = 25
°C
16
Ω
4
Ω
8
Ω
Vcc (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
F = 1kHz
BW < 125kHz
Tamb = 25
°C
16
Ω
4
Ω
8
Ω
Vcc (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
50
100
150
200
250
300
350
F = 1kHz
BW < 125kHz
Tamb = 25
°C
16
Ω
32
Ω
Vcc (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
50
100
150
200
250
300
350
400
450
F = 1kHz
BW < 125kHz
Tamb = 25
°C
16
Ω
32
Ω
Vcc (V)
4
6
8
10
12
14
16
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
THD+N=10%
Vcc = 5V
F = 1kHz
BW < 125kHz
Tamb = 25
°C
THD+N=1%
Load Resistance (Ohm)
4
6
8
10
12
14
16
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
THD+N=10%
Vcc = 3V
F = 1kHz
BW < 125kHz
Tamb = 25
°C
THD+N=1%
Load Resistance (ohm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com