Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP51D-A-G1-R Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # SAP51D-A-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SAP51D-A-G1-R Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button SAP51D-A-G1-R Datasheet HTML 44Page - Renesas Technology Corp SAP51D-A-G1-R Datasheet HTML 45Page - Renesas Technology Corp SAP51D-A-G1-R Datasheet HTML 46Page - Renesas Technology Corp SAP51D-A-G1-R Datasheet HTML 47Page - Renesas Technology Corp SAP51D-A-G1-R Datasheet HTML 48Page - Renesas Technology Corp SAP51D-A-G1-R Datasheet HTML 49Page - Renesas Technology Corp SAP51D-A-G1-R Datasheet HTML 50Page - Renesas Technology Corp SAP51D-A-G1-R Datasheet HTML 51Page - Renesas Technology Corp SAP51D-A-G1-R Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 67 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
48
January 28, 2016
Table 5.23 Example for Cryptographic Code Table
Note: an asterisk (*) is used to indicate bits that have changed from the original bit.
Reference Code Table
Step 1:
Cycle D0/D2
by One Cycle
Step 2:
Invert D0/D2
Step 3: Swap D1 – D3
Code Table Written to the EEPROM
D3
D2
D1
D0
D3
D2
D1
D0
D3
D2*
D1
D0*
D3*
D2*
D1*
D0*
swap_flag
0
0
0
1
0
1
0
1
0
0
0
0
0
0
0
0
1
0
1
0
1
0
1
0
0
0
0
0
1
0
0
0
1
0
0
1
1
0
0
0
1
1
0
1
1
0
1
1
0
0
1
1
0
0
1
1
1
0
0
1
0
0
1
1
0
0
1
0
1
1
1
0
1
0
1
1
1
1
1
0
1
1
1
0
0
1
0
1
1
1
1
1
0
1
0
1
1
1
0
1
1
1
1
1
0
0
1
1
0
1
1
0
0
0
0
0
1
0
1
0
1
1
1
0
0
1
1
0
1
1
0
0
1
1
0
0
The EEPROM code table must be derived from a Reference Code Table that meets the following requirements:
1.
Looking up in the Reference Code Table, the data bit vectors D0 and D2 are scrolled forward by one
cycle. Refer to Table 5.23 for an example.
2.
Data bit vectors D0 and D2 are inverted and stored as D0* and D2* in the EEPROM.
3.
Four out of eight data bits from the vector D1 are interchanged with the respective data bits from vector
D3. The respective bits are marked with swap_flag = ‘1’. Unchanged data bit pairs are marked with
swap_flag = ‘0’. Coded in such a way, the vectors are stored as D1* and D3* in the EEPROM.
4.
The additional swap_flag attached to each data word is stored in the EEPROM as well.
Running in Safety Mode, the EEPROM data bits D0* and D2* are put out at the port D1/D3 or P1/P3, respectively
(for port configuration, refer to Table 5.15). An external circuit must invert these signals, which adds a voltage
offset (refer to Figure 5.8) and delays it for about 20
µs. Thus the data actually will be transmitted with the
subsequent AS-i cycle. Furthermore, the safety-related switches are connected between the external circuitry and
the SAP5 safety inputs F-D0* and F-D2* (refer to Figure 5.7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com