Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP3003 Datasheet(PDF) 3 Page - Eorex Corporation

Part # EP3003
Description  Evaluation Board Manual
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP3003 Datasheet(HTML) 3 Page - Eorex Corporation

  EP3003 Datasheet HTML 1Page - Eorex Corporation EP3003 Datasheet HTML 2Page - Eorex Corporation EP3003 Datasheet HTML 3Page - Eorex Corporation EP3003 Datasheet HTML 4Page - Eorex Corporation EP3003 Datasheet HTML 5Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EP3003 Evaluation Board Manual
Rev.01
3/5
Jump Setting
JUMPER
output voltage selection
JP1
When AUX is selected please see the following section.
JP2
When AUX is selected please see the following section.
JUMPER
Jump to GND
Jump to VIN
JP3
Pulse Skip
Burst Mode
Output Programming
The output programming resistors for adjustable type are listed in Table 1. If AUX with JP1 and
JP2
is selected, please put on R2-3 and R4-0 according to the following equation:
⎟
⎠
⎞
⎜
⎝
⎛ +
=
1
2
1
6
.
0
R
R
V
V
out
Table 1 Output Programming Resistor
Vout (V)
R1 (KΩ)
R2 (KΩ)
1.2
100
R2-0 = 100
1.5
100
R2-1 = 150
1.8
100
R2-2 = 200
AUX
100
R2-3 = Function
2.5
240
R4-3 = 750
2.8
240
R4-2 = 910
3.3
240
R2-1 = 1100
AUX
240
R2-0 = Function



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com