Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1551EV Datasheet(PDF) 1 Page - Eorex Corporation

Part # EP1551EV
Description  Evaluation Board Manual
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1551EV Datasheet(HTML) 1 Page - Eorex Corporation

  EP1551EV Datasheet HTML 1Page - Eorex Corporation EP1551EV Datasheet HTML 2Page - Eorex Corporation EP1551EV Datasheet HTML 3Page - Eorex Corporation EP1551EV Datasheet HTML 4Page - Eorex Corporation EP1551EV Datasheet HTML 5Page - Eorex Corporation EP1551EV Datasheet HTML 6Page - Eorex Corporation EP1551EV Datasheet HTML 7Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EP1551 Evaluation Board Manual
Rev.01
1/7
Description
This manual aims to illustrate how to use the EP1551 Evaluation Board (“EP1551 EVB”).
The EP1551 EVB is a fully assembled and tested circuit board that accepts 1.5V to 3.6V input
voltages and provides all the output voltages required for a typical digital still camera. The outputs
consist of a main step-up output (3.35V), a step-down output (1.5V), a general-purpose 5V output,
two outputs for charge-coupled device (CCD) and LCD bias.
This manual includes Quick Start for using the EP1551 EVB, Demonstration Circuit, PCB Layout and Bill
of Material for the EP1551 EVB.
Quick Start
The EP1551 EVB is easy to set up to evaluate the performance of the EP1551, 1MHz, Five-channel Power
Supply. For proper measurement equipment setup, please follow the explanation below:
Follow the steps below to verify operation of the EP1551 EVB.
Do not turn on the power supply until all connections are completed:
1) Preset the power supply to between 1.5V and 3.6V.
2) Turn off the power supply.
3) Connect the power-supply positive lead to IN.
4) Connect the power-supply ground lead to GND.
5) Connect loads from outputs OUTSD (1.5V), OUT1 (5V), OUT3A (+15V), and OUT3B (-7.5V) to
GND. See as below Table for Output Voltages and Maximum Currents.
6) To enable the main step-up output, verify that JP1 has short to MAIN pin.
7) Verify that JP2–JP8 have pins 1 and 2 shorted.
8) Turn on the power supply.
9) Use a voltmeter to verify the OUTSU voltage (3.35V).
10) Connect a load, if desired, from OUTSU (3.35V) to GND. See Table 1 for maximum load currents.
11) To verify other outputs, move JP2–JP5 to short to MAIN pin. Use a voltmeter to verify output
voltages.
P.S. We already have surface-mount LEDs in DS1–DS4, connecting the LED array from anode to
LEDOUT+ to cathode LEDOUT-.


Similar Part No. - EP1551EV

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EP1551 EOREX-EP1551 Datasheet
366Kb / 16P
1 MHz Five-channel Power Supply
EP1551 EOREX-EP1551_15 Datasheet
371Kb / 16P
1 MHz Five-channel Power Supply
More results

Similar Description - EP1551EV

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7648 SIPEX-SP7648_05 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
logo
Eorex Corporation
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com