Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27W101 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M27W101
Description  1 Mbit 128Kb x8 Low Voltage UV EPROM and OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W101 Datasheet(HTML) 2 Page - STMicroelectronics

  M27W101 Datasheet HTML 1Page - STMicroelectronics M27W101 Datasheet HTML 2Page - STMicroelectronics M27W101 Datasheet HTML 3Page - STMicroelectronics M27W101 Datasheet HTML 4Page - STMicroelectronics M27W101 Datasheet HTML 5Page - STMicroelectronics M27W101 Datasheet HTML 6Page - STMicroelectronics M27W101 Datasheet HTML 7Page - STMicroelectronics M27W101 Datasheet HTML 8Page - STMicroelectronics M27W101 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
M27W101
2/15
Figure 2B. LCC Connections
AI01588
A8
A10
17
A1
A0
Q0
A7
A4
A3
A2
A6
A5
9
A9
1
A11
A13
Q7
32
M27W101
A14
G
E
25
Figure 2A. DIP Connections
A1
A0
Q0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
Q7
A14
A11
G
E
Q5
Q1
Q2
Q3
VSS
Q4
Q6
NC
P
A16
A12
VPP
VCC
A15
AI02674
M27W101
8
1
2
3
4
5
6
7
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
Table 1. Signal Names
A0-A16
Address Inputs
Q0-Q7
Data Outputs
E
Chip Enable
G
Output Enable
P
Program
VPP
Program Supply
VCC
Supply Voltage
VSS
Ground
NC
Not Connected Internally
Figure 2C. TSOP Connections
A1
A0
Q0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
Q7
A14
A11
G
E
Q5
Q1
Q2
Q3
Q4
Q6
NC
P
A16
A12
VPP
VCC
A15
AI01589
M27W101
(Normal)
8
1
9
16
17
24
25
32
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com