Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1017-R Datasheet(PDF) 6 Page - Eorex Corporation

Part # EP1017-R
Description  THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1017-R Datasheet(HTML) 6 Page - Eorex Corporation

  EP1017-R Datasheet HTML 1Page - Eorex Corporation EP1017-R Datasheet HTML 2Page - Eorex Corporation EP1017-R Datasheet HTML 3Page - Eorex Corporation EP1017-R Datasheet HTML 4Page - Eorex Corporation EP1017-R Datasheet HTML 5Page - Eorex Corporation EP1017-R Datasheet HTML 6Page - Eorex Corporation EP1017-R Datasheet HTML 7Page - Eorex Corporation EP1017-R Datasheet HTML 8Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
eorex
Preliminary
EP1017
Jun. 2007
www.eorex.com
6/8
Standard Application
*
Cin is required if regulator is located an appreciate distance from power supply filter.
*
Cout is not needed for stability, however, it does improve transient response.
Vout=1.25(1+R2/R1)+IAdjR2
Since IAdj is controlled to less than 100 µA, the error associated with this term is negligible in most
applications.
*
Pulse testing required. 1% Duty Cycle is suggested.
To calculate R2: Vout=ISETR2+1.250V ; Assume ISET=5.25mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com