Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP20G03BDF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP20G03BDF
Description  30V NP-Channel Enhancement Mode MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP20G03BDF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP20G03BDF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP20G03BDF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP20G03BDF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP20G03BDF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP20G03BDF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP20G03BDF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP20G03BDF Datasheet HTML 7Page - A POWER MICROELECTRONICS AP20G03BDF Datasheet HTML 8Page - A POWER MICROELECTRONICS AP20G03BDF Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
永源微电子科技有限公司
20A 30V N+P 低功耗高频场效应管
AP20G03BDF
晶体管
简介:
AP20G03BDF 是一颗针对无线充 N+P 全桥高频电路高性价比产品,优化了开启电压,使得
MOS 在 4.5V 的电压即可进入饱和区,降低 MOS 压降和功耗。
适配主控型号:
IP6822(英集芯)


Similar Part No. - AP20G03BDF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP20G03DF APME-AP20G03DF Datasheet
1Mb / 10P
30V NP-Channel Enhancement Mode MOSFET
REV1.0
AP20G03GD APME-AP20G03GD Datasheet
1Mb / 10P
30V NP-Channel Enhancement Mode MOSFET
AP20G03NF APME-AP20G03NF Datasheet
1Mb / 10P
30V NP-Channel Enhancement Mode MOSFET
More results

Similar Description - AP20G03BDF

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
YFW3G03LI YFWDIODE-YFW3G03LI Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW6G03S YFWDIODE-YFW6G03S Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8G03ES YFWDIODE-YFW8G03ES Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW15G03ES YFWDIODE-YFW15G03ES Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW15G03NF YFWDIODE-YFW15G03NF Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20G03NF YFWDIODE-YFW20G03NF Datasheet
2Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW25G03GD YFWDIODE-YFW25G03GD Datasheet
2Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW40G03NF YFWDIODE-YFW40G03NF Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80G03NF YFWDIODE-YFW80G03NF Datasheet
2Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
logo
Guangdong Youtai Semico...
AO4606 UMW-AO4606 Datasheet
2Mb / 8P
30V NP-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com