Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP20G03DF Datasheet(PDF) 5 Page - A POWER MICROELECTRONICS

Part # AP20G03DF
Description  30V NP-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP20G03DF Datasheet(HTML) 5 Page - A POWER MICROELECTRONICS

  AP20G03DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP20G03DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP20G03DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP20G03DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP20G03DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP20G03DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP20G03DF Datasheet HTML 7Page - A POWER MICROELECTRONICS AP20G03DF Datasheet HTML 8Page - A POWER MICROELECTRONICS AP20G03DF Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AP20G03DF
30V N+P-Channel Enhancement Mode MOSFET
AP20G03DF REV1.0
永源微電子科技有限公司
Figure 7: Normalized Breakdown Voltage vs
Figure 8: Normalized on Resistance vs.
Junction Temperature
Junction Temperature
Figure 9: Maximum Safe Operating Area
Figure 10: Maximum Continuous Drain Current
Temperature
vs. Ambient
Figure.11: Maximum Effective Transient Thermal
Impedance, Junction-to-Ambien



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com