Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP20G04NF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP20G04NF
Description  40V NP-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP20G04NF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP20G04NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP20G04NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP20G04NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP20G04NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP20G04NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP20G04NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP20G04NF Datasheet HTML 7Page - A POWER MICROELECTRONICS AP20G04NF Datasheet HTML 8Page - A POWER MICROELECTRONICS AP20G04NF Datasheet HTML 9Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP20G04NF
40V N+P-Channel Enhancement Mode MOSFET
AP20G04NF RVE1.0
臺灣永源微電子科技有限公司
Product ID
Pack
Marking
Qty(PCS)
AP20G04NF
PDFN5*6-8L
AP20G04NF XXX YYYY
5000
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
N-Ch
P-Ch
VDS
Drain-Source Voltage
40
-40
V
VGS
Gate-Source Voltage
±
20
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1
23
-20
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V1
18
-16
A
IDM
Pulsed Drain Current2
46
-40
A
EAS
Single Pulse Avalanche Energy3
28
66
mJ
IAS
Avalanche Current
17.8
-27.2
A
PD@TC=25℃
Total Power Dissipation4
25
31.3
W
TSTG
Storage Temperature Range
-55 to 150
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
62
62
℃
/W
RθJC
Thermal Resistance Junction-Case1
5
5
℃
/W
Description
The AP20G04NF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a
Battery protection or in other Switching application.
General Features
VDS = 40V ID =23 A
RDS(ON) < 18mΩ @ VGS=10V
VDS = -40V ID = -20A
RDS(ON) < 32mΩ @ VGS=10V
Application
Wireless charging
Boost driver
Brushless motor
Package Marking and Ordering Information


Similar Part No. - AP20G04NF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP20G04DF APME-AP20G04DF Datasheet
1Mb / 10P
40V NP-Channel Enhancement Mode MOSFET
AP20G04GD APME-AP20G04GD Datasheet
1Mb / 10P
40V NP-Channel Enhancement Mode MOSFET
REV1.1
AP20G04S APME-AP20G04S Datasheet
2Mb / 10P
40V NP-Channel Enhancement Mode MOSFET
More results

Similar Description - AP20G04NF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4051LK3 DIODES-DMP4051LK3_10 Datasheet
673Kb / 8P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
DS32114 Rev. 2 - 2
ZXMP4A16G DIODES-ZXMP4A16G Datasheet
277Kb / 7P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
JULY 2003
logo
DONGGUAN YOU FENG WEI E...
YFW10G04DF YFWDIODE-YFW10G04DF Datasheet
1Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW10G04S YFWDIODE-YFW10G04S Datasheet
1Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW6G04S YFWDIODE-YFW6G04S Datasheet
2Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8G04S YFWDIODE-YFW8G04S Datasheet
1Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW15G04NF YFWDIODE-YFW15G04NF Datasheet
1Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20G04GD YFWDIODE-YFW20G04GD Datasheet
2Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20G04NF YFWDIODE-YFW20G04NF Datasheet
1Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW25G04GD YFWDIODE-YFW25G04GD Datasheet
1Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com