Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1117-DB Datasheet(PDF) 2 Page - Eorex Corporation

Part # EP1117-DB
Description  1A Low Dropout Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1117-DB Datasheet(HTML) 2 Page - Eorex Corporation

  EP1117-DB Datasheet HTML 1Page - Eorex Corporation EP1117-DB Datasheet HTML 2Page - Eorex Corporation EP1117-DB Datasheet HTML 3Page - Eorex Corporation EP1117-DB Datasheet HTML 4Page - Eorex Corporation EP1117-DB Datasheet HTML 5Page - Eorex Corporation EP1117-DB Datasheet HTML 6Page - Eorex Corporation EP1117-DB Datasheet HTML 7Page - Eorex Corporation EP1117-DB Datasheet HTML 8Page - Eorex Corporation EP1117-DB Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
eorex
EP1117
Jul. 2006
www.eorex.com
2/10
Pin Assignment
Ordering Information
Pin Description
Pin
Name
Function
1
FB/GND
A resistor divider from this pin to the Vout pin and ground sets the
output voltage. (Ground only for Fixed-Mode)
2
VOUT
The output of the regulator. A minimum of 10uF capacitor (0.15Ω ≤
ESR ≤ 20Ω) must be connected from this pin to ground to insure
stability.
3
VIN
The input pin of regulator. Typically a large storage capacitor (0.15Ω
≤ ESR ≤ 20Ω) is connected from this pin to ground to insure that the
input voltage does not sag below the minimum dropout voltage
during the load transient response. This pin must always be 1.3V
higher than Vout in order for the device to regulate properly.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com