Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP20N06DF Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP20N06DF
Description  60V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP20N06DF Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP20N06DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP20N06DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP20N06DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP20N06DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP20N06DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP20N06DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP20N06DF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP20N06DF
60V N-Channel Enhancement Mode MOSFET
AP20N06DF REV1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-Source Breakdown Voltage
ID = 250mA, VGS = 0V
60
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 60V, VGS = 0V
-
-
1.0
mA
IGSS
Gate-Body Leakage Current
VDS = 0V, VGS = ±20V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250mA
1.2
1.6
2.5
V
RDS(ON)
Static Drain-Source ON-
Resistance(4)
VGS = 10V, ID = 10A
-
30
35
mΩ
VGS = 4.5V, ID = 5A
-
32
45
mΩ
Rg
Gate Resistance
f = 1MHz
-
1.4
-
Ω
Ciss
Input Capacitance
VGS = 0V, VDS = 30V, f =
1MHz
-
1187
-
pF
Coss
Output Capacitance
-
56
-
pF
Crss
Reverse Transfer Capacitance
-
47
-
pF
Qg
Total Gate Charge
VGS = 0 to 10V
VDS = 30V, ID = 10A
-
24
-
nC
Qgs
Gate Source Charge
-
4.5
-
nC
Qgd
Gate Drain("Miller") Charge
-
4.5
-
nC
td(on)
Turn-On DelayTime
VGS = 10V, VDD = 30V
ID= 10A, RGEN = 3Ω
-
6.7
-
ns
tr
Turn-On Rise Time
-
15
-
ns
td(off)
Turn-Off DelayTime
-
24
-
ns
tf
Turn-Off Fall Time
-
2.7
-
ns
IS
Maximum Continuous Body Diode Forward Current
-
-
28
A
ISM
Maximum Pulsed Body Diode Forward Current
-
-
79
A
VSD
Body Diode Forward Voltage
VGS = 0V, IS = 10A
-
1.2
V
trr
Body Diode Reverse Recovery Time
IF = 10A,
di/dt = 100A/us
13
19
25
ns
Qrr
Body Diode Reverse Recovery
Charge
-
19
-
nC
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width .The EAS data shows Max. rating .
3、The test cond≦ 300us
duty cycle ≦ 2%, duty cycle ition is TJ =25℃, VDD =48V, VG =10V, RG =25Ω, L=0.1mH, IAS =13A
4、The power dissipation is limited by 175℃ junction temperature
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com