Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP20P02DF Datasheet(PDF) 4 Page - A POWER MICROELECTRONICS

Part # AP20P02DF
Description  -20V P-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP20P02DF Datasheet(HTML) 4 Page - A POWER MICROELECTRONICS

  AP20P02DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP20P02DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP20P02DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP20P02DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP20P02DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP20P02DF Datasheet HTML 6Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AP20P02DF
-20V P-Channel Enhancement Mode MOSFET
AP20P30DF Rve3.8
臺灣永源微電子科技有限公司
10
100
1000
10000
1
5
9
13
17
21
VDS Drain to Source Voltage(V)
F=1.0MHz
Ciss
Coss
Crss
0.0001
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
PDM
D = TON/T
TJpeak = TA + PDM x RθJA
TON
T
0.02
0.01
0.05
0.1
0.2
DUTY=0.5
SINGLE PULSE
Fig.8 Safe Operating Area
Fig.9 Normalized Maximum Transient Thermal Impedance
Fig.7 Capacitance
Fig.10 Switching Time Waveform
Fig.11 Gate Charge Waveform



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com