Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF830ASPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRF830ASPBF
Description  HEXFET짰 Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF830ASPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRF830ASPBF Datasheet HTML 2Page - International Rectifier IRF830ASPBF Datasheet HTML 3Page - International Rectifier IRF830ASPBF Datasheet HTML 4Page - International Rectifier IRF830ASPBF Datasheet HTML 5Page - International Rectifier IRF830ASPBF Datasheet HTML 6Page - International Rectifier IRF830ASPBF Datasheet HTML 7Page - International Rectifier IRF830ASPBF Datasheet HTML 8Page - International Rectifier IRF830ASPBF Datasheet HTML 9Page - International Rectifier IRF830ASPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRF830AS/LPbF
10
www.irf.com
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ ISD ≤ 5.0A, di/dt ≤ 370A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
Notes:
‚ Starting TJ = 25°C, L = 18mH
RG = 25Ω, IAS = 5.0A. (See Figure 12)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS
† Uses IRF830A data and test conditions
* When mounted on 1" square PCB ( FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
D2Pak Tape & Reel Information
3
4
4
TR R
F E E D DIRE CT IO N
1.85 ( .0 7 3 )
1.65 ( .0 6 5 )
1.60 (.063 )
1.50 (.059 )
4.10 ( .161 )
3.90 ( .153 )
TR L
F E E D D IRE CTION
10.90 (.42 9 )
10.70 (.42 1 )
16.10 (.634 )
15.90 (.626 )
1.75 (.0 69 )
1.25 (.0 49 )
11.60 (.457 )
11.40 (.449 )
15.42 (.6 09 )
15.22 (.6 01 )
4.72 (.1 36 )
4.52 (.1 78 )
24.30 (.957 )
23.90 (.941 )
0.368 (.0145 )
0.342 (.0135 )
1.60 (.06 3)
1.50 (.05 9)
13 .50 (.5 32 )
12 .80 (.5 04 )
33 0.0 0
(14 .17 3)
M AX.
27 .4 0 (1.07 9)
23 .9 0 (.9 41 )
60.00 (2.36 2)
M IN .
30.4 0 (1.1 97 )
M A X .
26.40 (1.03 9)
24.40 (.9 61 )
NOT ES :
1. C O M F O R M S T O EIA- 418 .
2. CONT ROL LIN G DIM E NSIO N: M ILL IM ET ER .
3. DIM ENSIO N M EASURED @ HU B.
4. INCL UDES F LANGE DIST ORT IO N @ O U TE R ED G E.
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 04/04



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com