Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGP20B60PDPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRGP20B60PDPBF
Description  WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP20B60PDPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRGP20B60PDPBF Datasheet HTML 3Page - International Rectifier IRGP20B60PDPBF Datasheet HTML 4Page - International Rectifier IRGP20B60PDPBF Datasheet HTML 5Page - International Rectifier IRGP20B60PDPBF Datasheet HTML 6Page - International Rectifier IRGP20B60PDPBF Datasheet HTML 7Page - International Rectifier IRGP20B60PDPBF Datasheet HTML 8Page - International Rectifier IRGP20B60PDPBF Datasheet HTML 9Page - International Rectifier IRGP20B60PDPBF Datasheet HTML 10Page - International Rectifier IRGP20B60PDPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IRGP20B60PDPbF
www.irf.com
9
Fig. WF1 - Typ. Turn-off Loss Waveform
@ TJ = 125°C using Fig. CT.3
Fig. WF2 - Typ. Turn-on Loss Waveform
@ TJ = 125°C using Fig. CT.3
Fig. WF3 - Reverse Recovery Waveform and
Definitions
-50
0
50
100
150
200
250
300
350
400
450
-0.20
0.00
0.20
0.40
0.60
0.80
Time(µs)
-2
0
2
4
6
8
10
12
14
16
18
90% I
CE
5% V
CE
5% I
CE
Eoff Loss
tf
-50
0
50
100
150
200
250
300
350
400
450
7.75
7.85
7.95
8.05
8.15
Time (µs)
-5
0
5
10
15
20
25
30
35
40
45
TEST CURRENT
90% test current
5% V
CE
10% test current
Eon Loss
tr
ta
tb
trr
Qrr
IF
I RRM
I RRM
0.5
di(rec)M/dt
0.75 IRRM
5
4
3
2
0
1
di /dt
f
4. Qrr - Area under curve defined by trr
and IRRM
trr X IRRM
Qrr =
2
5. di(rec)M/dt - Peak rate of change of
current during tb portion of trr
1. dif/dt - Rate of change of current
through zero crossing
2. IRRM - Peak reverse recovery current
3. trr - Reverse recovery time measured
from zero crossing point of negative
going IF to point where a line passing
through 0.75 IRRM and 0.50 IRRM
extrapolated to zero current



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com