Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WIT910 Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # WIT910
Description  900MHz Frequency Hopping Transceiver OEM Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

WIT910 Datasheet(HTML) 2 Page - RF Monolithics, Inc

  WIT910 Datasheet HTML 1Page - RF Monolithics, Inc WIT910 Datasheet HTML 2Page - RF Monolithics, Inc WIT910 Datasheet HTML 3Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 3
©2008 by RF Monolithics, Inc.
WIT910 - 4/10/08
Connector Pinout
Pin
Signal
Type
Description
1
Gnd
-
Signal and chassis ground
2
TxD
Input
Transmit data
3
RxD
Output
Receive data
4
CFG
Input
Configuration selector. Used to switch radio between data and control mode
5
RTS
Input
Request to send. Used for receive flow control by the host
6
Sleep
Input
Sleeps/wakes the radio transceiver
7
DCD
Output
Data carrier detect. For remotes, indicates successful synchronization
8
CTS
Output
Clear to send. Used for receive flow control by the radio
10
Reset
Input
Resets module
16
Vcc
Positive supply. Min 3.3 v, Nom 5.0 v, Max 10.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com