Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30H60CGY Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STPS30H60CGY
Description  Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STPS30H60CGY Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STPS30H60CGY Datasheet HTML 1Page - Inchange Semiconductor Company Limited STPS30H60CGY Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schottky Rectifier
STPS30H60CGY
www.iscsemi.com
1
FEATURES
· High Junction Temperature Capability
· High Frequency Operation
· Low Leakage Current
APPLICATIONS
· Notebook
· LCD Adaptors
· SMPS
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Maximum repetitive peak reverse voltage
60
V
IF(AV)
Average Rectified Forward Current,TC= 125℃
2x15A
A
IFSM
Nonrepetitive Peak Surge Current
tp = 10ms,sinusoidal
230
A
IF(RMS)
Forward rms current
30
A
TJ
Junction Temperature
-65~175
℃
Tstg
Storage Temperature Range
-65~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case,Per diode
1.5
℃
/W
Thermal Resistance,Junction to Case,Total
0.8
℃
/W


Similar Part No. - STPS30H60CGY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30H60CG STMICROELECTRONICS-STPS30H60CG Datasheet
281Kb / 11P
Avalanche rated
31-Mar-2007
STPS30H60CG STMICROELECTRONICS-STPS30H60CG Datasheet
176Kb / 11P
Power Schottky rectifier
08-Jul-2011
STPS30H60CG-TR STMICROELECTRONICS-STPS30H60CG-TR Datasheet
281Kb / 11P
Avalanche rated
31-Mar-2007
STPS30H60CG-TR STMICROELECTRONICS-STPS30H60CG-TR Datasheet
176Kb / 11P
Power Schottky rectifier
08-Jul-2011
More results

Similar Description - STPS30H60CGY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com