Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESSDC128 Datasheet(PDF) 4 Page - Eorex Corporation

Part # ESSDC128
Description  64MB/128MB/256MB/512MB Secure Digital Card
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

ESSDC128 Datasheet(HTML) 4 Page - Eorex Corporation

  ESSDC128 Datasheet HTML 1Page - Eorex Corporation ESSDC128 Datasheet HTML 2Page - Eorex Corporation ESSDC128 Datasheet HTML 3Page - Eorex Corporation ESSDC128 Datasheet HTML 4Page - Eorex Corporation ESSDC128 Datasheet HTML 5Page - Eorex Corporation ESSDC128 Datasheet HTML 6Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
64MB/128MB/256MB/512MB Secure Digital Card
Eorex Corporation
www.eorex.com
4/6
4. Bus Signal Levels
As the bus can be supplied with a variable supply voltage, all signal levels are related
to the supply voltage.
To meet the requirements of the JEDEC specification JESD8-1A, the card input and
output voltages shall be within the following specified ranges for any VDD of the allowed
voltage range:
Parameter
Symbol
Min
Max
Unit
Remark
Output HIGH voltage
VOH
0.75*
VDD
V
IOH=-100µA @VDD min
Output LOW voltage
VOL
0.125*
VDD
V
IOL=-100µA @VDD min
Input HIGH voltage
VIH
0.625*
VDD
VDD+0.3
V
Input LOW voltage
VIL
VSS-0.3
0.25*
VDD
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com