Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLJ Datasheet(PDF) 2 Page - TUK Ltd

Part # TLJ
Description  LOKJAC Category 6 tool-less locking keystone
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

TLJ Datasheet(HTML) 2 Page - TUK Ltd

  TLJ Datasheet HTML 1Page - TUK Ltd TLJ Datasheet HTML 2Page - TUK Ltd TLJ Datasheet HTML 3Page - TUK Ltd TLJ Datasheet HTML 4Page - TUK Ltd TLJ Datasheet HTML 5Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications
Dimensions: 50 x 20 x 21mm (LxWxH)
Weight: 10 grams
Colours available: black, white
Materials: 50μ”/1.27μm gold plating on contacts
housing: ABS UL94V-0
Key (TLJ): Dimensions: 84 x 25 x 12 mm (LxWxH)
Weight: 10 grams
Packaging: in individual polythene bag then in packs of 20
SLJbkDpm
SLJwhpm
TLJ
15/11/2016



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com