Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP20V01DF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP20V01DF
Description  -18V PP-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP20V01DF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP20V01DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP20V01DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP20V01DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP20V01DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP20V01DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP20V01DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP20V01DF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP20V01DF
-18V P+P-Channel Enhancement Mode MOSFET
AP20V01DF REV1.0
永源微電子科技有限公司
Description
The AP20V01DF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -18V ID =-20A
RDS(ON) < 18mΩ @ VGS=4.5V(Type:13mΩ)
Application
Electronic cigarette
Load switch
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP20V01DF
PDFN3*3-8L
AP20V01DF XXX YYYY
5000
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDSS
Drain-Source Voltage
-18
V
VGSS
Gate-Source Voltage
±12
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1
-20
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V1
-15
A
IDM
Pulsed Drain Current note1
-60
A
PD@TC=25℃
Power Dissipation
1.5
W
EAS
Single Pulsed Avalanche Energy
28.8
mJ
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
℃
RθJC
Thermal Resistance Junction-Case1
6
℃/W
RθJA
Thermal Resistance, Junction to Ambient
125
℃/W


Similar Part No. - AP20V01DF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP20V02DF APME-AP20V02DF Datasheet
1Mb / 7P
-20V P-Channel Enhancement Mode MOSFET
AP20V03DF APME-AP20V03DF Datasheet
759Kb / 7P
-30V PP-Channel Enhancement Mode MOSFET
REV1.0
AP20V03NF APME-AP20V03NF Datasheet
701Kb / 7P
-30V PP-Channel Enhancement Mode MOSFET
REV1.0
AP20V04DF APME-AP20V04DF Datasheet
841Kb / 7P
-40V PP-Channel Enhancement Mode MOSFET
REV1.0
AP20V04NF APME-AP20V04NF Datasheet
770Kb / 7P
-40V PP-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP20V01DF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Shenzhen Huazhimei Semi...
HM8P02MR HMSEMI-HM8P02MR Datasheet
979Kb / 7P
18V P-Channel Enhancement Mode MOSFET
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
-30V PP-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com