Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP25G03GD Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP25G03GD
Description  30V NP-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP25G03GD Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP25G03GD Datasheet HTML 1Page - A POWER MICROELECTRONICS AP25G03GD Datasheet HTML 2Page - A POWER MICROELECTRONICS AP25G03GD Datasheet HTML 3Page - A POWER MICROELECTRONICS AP25G03GD Datasheet HTML 4Page - A POWER MICROELECTRONICS AP25G03GD Datasheet HTML 5Page - A POWER MICROELECTRONICS AP25G03GD Datasheet HTML 6Page - A POWER MICROELECTRONICS AP25G03GD Datasheet HTML 7Page - A POWER MICROELECTRONICS AP25G03GD Datasheet HTML 8Page - A POWER MICROELECTRONICS AP25G03GD Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AP25G03GD
30V N+P-Channel Enhancement Mode MOSFET
AP25G03GD RVE1.0
永源微電子科技有限公司
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP25G03GD
TO-252-4L
AP25G03GD XXX YYYY
2500
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
N-Ch
P-Ch
VDS
Drain-Source Voltage
30
-30
V
VGS
Gate-Source Voltage
±20
±20
V
ID@TA=25℃
Continuous Drain Current, VGS @ 10V1
25
-24
A
ID@TA=100℃
Continuous Drain Current, VGS @ 10V1
10
-8
A
IDM
Pulsed Drain Current2
52
-45
A
EAS
Single Pulse Avalanche Energy3
22
45
mJ
IAS
Avalanche Current
21
-30
A
PD@TA=25℃
Total Power Dissipation4
18
18
W
TSTG
Storage Temperature Range
-55 to 150
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
62
℃
/W
RθJC
Thermal Resistance Junction-Case1
5
℃
/W
Description
The AP25G03GD uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 30V ID =25A
RDS(ON) < 22mΩ @ VGS=10V (Type:15mΩ)
VDS = -30V ID =-24A
RDS(ON) <32mΩ @ VGS=-10V (Type:25mΩ)
Application
Boost driver
Brushless motor


Similar Part No. - AP25G03GD

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP25G02NF APME-AP25G02NF Datasheet
1Mb / 11P
20V NP-Channel Enhancement Mode MOSFET
AP25G04GD APME-AP25G04GD Datasheet
1Mb / 10P
40V NP-Channel Enhancement Mode MOSFET
REV1.1
More results

Similar Description - AP25G03GD

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
YFW3G03LI YFWDIODE-YFW3G03LI Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW6G03S YFWDIODE-YFW6G03S Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8G03ES YFWDIODE-YFW8G03ES Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW15G03ES YFWDIODE-YFW15G03ES Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW15G03NF YFWDIODE-YFW15G03NF Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20G03NF YFWDIODE-YFW20G03NF Datasheet
2Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW25G03GD YFWDIODE-YFW25G03GD Datasheet
2Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW40G03NF YFWDIODE-YFW40G03NF Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80G03NF YFWDIODE-YFW80G03NF Datasheet
2Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
logo
Guangdong Youtai Semico...
AO4606 UMW-AO4606 Datasheet
2Mb / 8P
30V NP-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com