Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP25G10NF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP25G10NF
Description  100V NP-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP25G10NF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP25G10NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP25G10NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP25G10NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP25G10NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP25G10NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP25G10NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP25G10NF Datasheet HTML 7Page - A POWER MICROELECTRONICS AP25G10NF Datasheet HTML 8Page - A POWER MICROELECTRONICS AP25G10NF Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AP25G10NF
100V N+P-Channel Enhancement Mode MOSFET
AP25G10NF RVE1.0
永源微電子科技有限公司
Description
The AP25G10NF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS =100V ID =25A
RDS(ON) < 100mΩ @ VGS=10V (Type:72mΩ)
VDS = -100V ID =-23.8A
RDS(ON) < 100mΩ @ VGS=-10V (Type:85mΩ)
Application
BLDC
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP25G10NF
PDFN5*6-8L
AP25G10NF XXX YYYY
50
00
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
N-Ch
P-Ch
Units
VDS
Drain-Source Voltage
100
-100
V
VGS
Gate-Source Voltage
±20
±20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1
25
-23.8
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V1
15.9
-14.5
A
IDM
Pulsed Drain Current2
78.5
-68.4
A
EAS
Single Pulse Avalanche Energy3
128
147.2
mJ
IAS
Avalanche Current
17
16
A
PD@TC=25℃
Total Power Dissipation4
23
21.3
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
25
℃
/W
RθJC
Thermal Resistance Junction-Case1
5.4
℃
/W


Similar Part No. - AP25G10NF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP25G10GD APME-AP25G10GD Datasheet
1Mb / 10P
100V NP-Channel Enhancement Mode MOSFET
More results

Similar Description - AP25G10NF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP10A17G DIODES-ZXMP10A17G Datasheet
642Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP10A17K DIODES-ZXMP10A17K Datasheet
683Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP10A18G DIODES-ZXMP10A18G_15 Datasheet
549Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
Cystech Electonics Corp...
MTE300P10KN3 CYSTEKEC-MTE300P10KN3 Datasheet
471Kb / 9P
100V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP10H4D2S DIODES-DMP10H4D2S Datasheet
538Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP10A17GQ DIODES-ZXMP10A17GQ Datasheet
216Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP10H4D2S DIODES-DMP10H4D2S_17 Datasheet
538Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
Shenzhen Huazhimei Semi...
HM3P10MR HMSEMI-HM3P10MR Datasheet
1Mb / 5P
100V P-Channel Enhancement Mode MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW8G10NF YFWDIODE-YFW8G10NF Datasheet
2Mb / 8P
100V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW15G10GD YFWDIODE-YFW15G10GD Datasheet
2Mb / 8P
100V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com