Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP3102-S50B Datasheet(PDF) 10 Page - Eorex Corporation

Part # EP3102-S50B
Description  150 KHz, 2A Asynchronous Step-down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP3102-S50B Datasheet(HTML) 10 Page - Eorex Corporation

Back Button EP3102-S50B Datasheet HTML 2Page - Eorex Corporation EP3102-S50B Datasheet HTML 3Page - Eorex Corporation EP3102-S50B Datasheet HTML 4Page - Eorex Corporation EP3102-S50B Datasheet HTML 5Page - Eorex Corporation EP3102-S50B Datasheet HTML 6Page - Eorex Corporation EP3102-S50B Datasheet HTML 7Page - Eorex Corporation EP3102-S50B Datasheet HTML 8Page - Eorex Corporation EP3102-S50B Datasheet HTML 9Page - Eorex Corporation EP3102-S50B Datasheet HTML 10Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
eorex
EP3102
Nov. 2006
www.eorex.com
10/10
Package Description
SOP-8L
MILLIMETERS
INCHES
DIM
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
1.40
1.60
1.75
0.055
0.063
0.069
A1
0.10
−
0.25
0.040
−
0.100
A2
1.30
1.45
1.50
0.051
0.057
0.059
B
0.33
0.41
0.51
0.013
0.016
0.020
C
0.19
0.20
0.25
0.0075
0.008
0.010
D
4.80
4.85
5.05
0.189
0.191
0.199
E
3.80
3.91
4.00
0.150
0.154
0.157
e
−
1.27
−
−
0.050
−
H
5.79
5.99
6.20
0.228
0.236
0.244
L
0.38
0.71
1.27
0.015
0.028
0.050
y
−
−
0.10
−
−
0.004
θ
0°
−
8°
0°
−
8°



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com