Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP30G04GD Datasheet(PDF) 8 Page - A POWER MICROELECTRONICS

Part # AP30G04GD
Description  40V NP-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP30G04GD Datasheet(HTML) 8 Page - A POWER MICROELECTRONICS

Back Button AP30G04GD Datasheet HTML 2Page - A POWER MICROELECTRONICS AP30G04GD Datasheet HTML 3Page - A POWER MICROELECTRONICS AP30G04GD Datasheet HTML 4Page - A POWER MICROELECTRONICS AP30G04GD Datasheet HTML 5Page - A POWER MICROELECTRONICS AP30G04GD Datasheet HTML 6Page - A POWER MICROELECTRONICS AP30G04GD Datasheet HTML 7Page - A POWER MICROELECTRONICS AP30G04GD Datasheet HTML 8Page - A POWER MICROELECTRONICS AP30G04GD Datasheet HTML 9Page - A POWER MICROELECTRONICS AP30G04GD Datasheet HTML 10Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AP30G04GD
40V N+P-Channel Enhancement Mode MOSFET
AP30G04D REV1.0
永源微電子科技有限公司
Package Mechanical Data:TO-252-4L
Symbol
Dim in mm
Min
Typ
max
A
2.1
2.3
2.5
A1
0
0.064
0.128
b
0.5
0.6
0.7
c
0.45
0.52
0.6
D
6.4
6.6
6.8
D1
5.33REF
D2
5.06REF
D3
5.25REF
E
5.9
6.1
6.3
e
1.27TYP
e1
2.54TYP
L
9.8
10.1
10.4
L1
2.888REF
L2
1.4
1.5
1.7
L3
1.65REF
L4
0.6
0.8
1
ϕ
1.1
1.2
1.3
θ
0°
10°
θ1
5°
10°
θ2
5°
10°



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com