Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP30G06GD Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP30G06GD
Description  60V NP-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP30G06GD Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP30G06GD Datasheet HTML 1Page - A POWER MICROELECTRONICS AP30G06GD Datasheet HTML 2Page - A POWER MICROELECTRONICS AP30G06GD Datasheet HTML 3Page - A POWER MICROELECTRONICS AP30G06GD Datasheet HTML 4Page - A POWER MICROELECTRONICS AP30G06GD Datasheet HTML 5Page - A POWER MICROELECTRONICS AP30G06GD Datasheet HTML 6Page - A POWER MICROELECTRONICS AP30G06GD Datasheet HTML 7Page - A POWER MICROELECTRONICS AP30G06GD Datasheet HTML 8Page - A POWER MICROELECTRONICS AP30G06GD Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AP30G06GD
60V N+P-Channel Enhancement Mode MOSFET
AP30G06GD REV1.0
永源微電子科技有限公司
Description
The AP30G06GD uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery
protection or in other Switching application.
General Features
VDS = 60V ID =36A
RDS(ON) < 32mΩ @ VGS=10V(Type:25mΩ)
VDS = -60V ID =-29A
RDS(ON) < 58mΩ @ VGS=-10V(Type:46mΩ)
Application
Boost driver
Brushless motor
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP30G06GD
TO-252-4L
AP30G06GD XXX YYYY
2500
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
N-Channel
P-Channel
VDS
Drain-Source Voltage
60
-60
V
VGS
Gate-Source Voltage
±20
±20
V
ID@TA=25
℃
Continuous Drain Current, VGS @ 10V1
36
-29
A
ID@TA=70
℃
Continuous Drain Current, VGS @ 10V1
15.8
-15.3
A
IDM
Pulsed Drain Current2
105
-95
A
EAS
Single Pulse Avalanche Energy3
125.5
135.3
mJ
IAS
Avalanche Current
22.6
-26.6
A
PD@TA=25
℃
Total Power Dissipation4
1.5
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
62.5
℃
/W
RθJC
Thermal Resistance Junction-Case1
3.6
℃
/W


Similar Part No. - AP30G06GD

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP30G06NF APME-AP30G06NF Datasheet
1Mb / 10P
60V NP-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP30G06GD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP6A17E6 DIODES-ZXMP6A17E6 Datasheet
671Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP6A18K DIODES-ZXMP6A18K Datasheet
589Kb / 8P
60V P-channel enhancement mode MOSFET
MARCH 2006
logo
Cystech Electonics Corp...
MTP2311M3 CYSTEKEC-MTP2311M3 Datasheet
297Kb / 9P
60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6023LE DIODES-DMP6023LE_15 Datasheet
362Kb / 7P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMP6185SE DIODES-DMP6185SE_15 Datasheet
294Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMP6185SK3 DIODES-DMP6185SK3_15 Datasheet
323Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
logo
DONGGUAN YOU FENG WEI E...
YFW10G06NF YFWDIODE-YFW10G06NF Datasheet
2Mb / 8P
60V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW10G06S YFWDIODE-YFW10G06S Datasheet
2Mb / 8P
60V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8G06S YFWDIODE-YFW8G06S Datasheet
2Mb / 8P
60V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20G06GD YFWDIODE-YFW20G06GD Datasheet
2Mb / 8P
60V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com