Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC12 Datasheet(PDF) 2 Page - ALPS ALPINE CO., LTD.

Part # EC12
Description  12mm Size Insulated Shaft Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPSALPINE [ALPS ALPINE CO., LTD.]
Direct Link  https://www.alpsalpine.com/e/
Logo ALPSALPINE - ALPS ALPINE CO., LTD.

EC12 Datasheet(HTML) 2 Page - ALPS ALPINE CO., LTD.

  EC12 Datasheet HTML 1Page - ALPS ALPINE CO., LTD. EC12 Datasheet HTML 2Page - ALPS ALPINE CO., LTD. EC12 Datasheet HTML 3Page - ALPS ALPINE CO., LTD. EC12 Datasheet HTML 4Page - ALPS ALPINE CO., LTD. EC12 Datasheet HTML 5Page - ALPS ALPINE CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
175
Metal
Shaft
Insulated
Shaft
Hollow
Shaft
Ring
Type
Detector
Slide
Push
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT SwitchTM
With Switch Type
5
Vertical
30
5 ± 3
10 ± 5
3
0.5
15
17.5
EC12D1564402
EC12D1524403
5 ± 3
10 ± 5
6
EC12D1564404
EC12D1524406
1,280
2,560
Minimum order unit(pcs.)
Export
Japan
Product No. Drawing
No.
Number
of detent
Number
of pulse
Length of the shaft
(LM1) (mm)
Operating
force of switch
(N)
Travel of push-on
switch(mm)
Operating
direction
Detent torque
(mN・m)
Refer to P.176 for product varieties.
Refer to P.193 for soldering conditions.
EC12D is suitable for automotive use.
Notes
Tray
Packing Specifications
3,000
3,000
EC12E □□□ 03
Product No.
Number of packages(pcs.)
369
× 525 × 204
2,400
2,400
EC12E □□□ 04
1,900
1,900
EC12E □□□ 08
2,560
1,280
EC12D
360
× 540 × 290
Export package
measurements
(mm)
1 case / Japan
1 case / export packing
Dimensions
3.5
LM1
R1
5 (5)
(0.8)
3.5
ø6.8
Mounting surface
14
12.4
(8.2)
Photo
Style
Short shaft
No.
1
2
Hollow shaft
3
PC board mounting hole
dimensions
(Viewed from mounting side)
Unit:mm
17.5
5
LM1
R1
20
7
25
12
High collar type
Product Line
12mm Size Insulated Shaft Type
EC12



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com