Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC12D Datasheet(PDF) 1 Page - ALPS ALPINE CO., LTD.

Part # EC12D
Description  12mm Size Insulated Shaft Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPSALPINE [ALPS ALPINE CO., LTD.]
Direct Link  https://www.alpsalpine.com/e/
Logo ALPSALPINE - ALPS ALPINE CO., LTD.

EC12D Datasheet(HTML) 1 Page - ALPS ALPINE CO., LTD.

  EC12D Datasheet HTML 1Page - ALPS ALPINE CO., LTD. EC12D Datasheet HTML 2Page - ALPS ALPINE CO., LTD. EC12D Datasheet HTML 3Page - ALPS ALPINE CO., LTD. EC12D Datasheet HTML 4Page - ALPS ALPINE CO., LTD. EC12D Datasheet HTML 5Page - ALPS ALPINE CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
174
Metal
Shaft
Insulated
Shaft
Hollow
Shaft
Ring
Type
Detector
Slide
Push
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT SwitchTM
Refer to P.176 for product varieties.
Refer to P.193 for soldering conditions.
Product No.
Drawing
No.
Number of
detent
Number of
pulse
Length of the shaft
(LM1) (mm)
4
Vertical
24
12
20
25
25
20
30
25
30
Standard
3 to 20
Standard
25 ± 15
Heavy 40 ± 15
24
12
Without
EC12E2420802
EC12E1220813
EC12E2420801
EC12E2430804
EC12E2420803
EC12E2430803
EC12E2460802
Operating
direction
Detent torque
(mN・m)
1,900
1,900
Minimum order unit(pcs.)
Japan Export
With Bushing Type
EC12
12mm Size Insulated Shaft Type
Insulated shaft type with a wide variety of applications.
■
Typical Specifications
Items
Specifications
Rating
0.5mA 5V DC
Operating life
Without detent
15,000cycles
30,000cycles(Lightest(jog))
With detent
30,000cycles
Operating temperature range
EC12E: − 10℃ to + 70℃
EC12D: − 40℃ to + 85℃
Product No.
Drawing
No.
Minimum order unit(pcs.)
Japan Export
Number of
pulse
Number of
detent
Operating
direction
Detent torque
(mN・m)
Length of the shaft
(LM1) (mm)
Standard type
Product Line
2
2,400 2,400
3,000 3,000
2,400 2,400
3,000 3,000
2,400 2,400
3,000 3,000
2,400 2,400
3,000 3,000
2,400 2,400
1
3
1
3
1
2
3
1
3
1
Vertical
12
24
Without
Standard
3 to 20
15
20
25
15
17.5
20
25
8.5
(Hollow shaft)
20
25
8.5
(Hollow shaft)
25
20
25
Lightest(jog)
3 ± 2
Standard
3 to 20
Lightest(jog)
3 ± 2
Lightest(jog)
10 max.
Standard
25 ± 15
EC12E1220407
EC12E1220406
EC12E1220405
EC12E1240405
EC12E1240406
EC12E1220301
EC12E1240301
EC12E24204A7
EC12E24204A2
EC12E24204A8
EC12E24204A9
EC12E2420301
EC12E24404A8
EC12E24404A6
EC12E2440301
EC12E2430404
20
EC12E24104A6
EC12E2430401
12
24
8.5
(Hollow shaft)
8.5
(Hollow shaft)
Nuts and washers are not included. If required, please contact us.
Note


Similar Part No. - EC12D

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC12D ALPS-EC12D Datasheet
878Kb / 6P
12mm Size Insulated Shaft Type
EC12D ALPS-EC12D Datasheet
878Kb / 6P
Insulated shaft type with a wide variety of applications
logo
List of Unclassifed Man...
EC12D1503 ETC2-EC12D1503 Datasheet
141Kb / 4P
12mm Size Insulated Shaft Type Encoder Variety
logo
ALPS ELECTRIC CO.,LTD.
EC12D1524403 ALPS-EC12D1524403 Datasheet
268Kb / 4P
12mm Size Insulated Shaft Type
EC12D1524403 ALPS-EC12D1524403 Datasheet
878Kb / 6P
12mm Size Insulated Shaft Type
More results

Similar Description - EC12D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC12E ETC2-EC12E Datasheet
141Kb / 4P
12mm Size Insulated Shaft Type Encoder Variety
logo
ALPS ELECTRIC CO.,LTD.
EC12 ALPS-EC12 Datasheet
268Kb / 4P
12mm Size Insulated Shaft Type
RK09K ALPS-RK09K Datasheet
307Kb / 7P
9mm Size Insulated Shaft Snap-in Type
RK09Y11L ALPS-RK09Y11L Datasheet
114Kb / 2P
9mm Size Insulated Shaft Long-life Type
RK11K ALPS-RK11K Datasheet
203Kb / 5P
11mm Size Insulated Shaft Snap-in Type
RK12L ALPS-RK12L Datasheet
171Kb / 4P
12mm Size Insulated Shaft Snap-in Type
RK14K ALPS-RK14K Datasheet
220Kb / 5P
14mm Size Insulated Shaft Snap-in Type
EC10E1220505 ALPS-EC10E1220505 Datasheet
258Kb / 2P
10mm Size Hollow Shaft Type
EC12E ALPS-EC12E_15 Datasheet
878Kb / 6P
12mm Size Insulated Shaft Type
EC18A ALPS-EC18A Datasheet
723Kb / 4P
18mm Size Insulated Shaft Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com