Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UILJ3 Datasheet(PDF) 24 Page - PANDUIT CORP.

Part # UILJ3
Description  TIA/EIA-606-A Labeling Compliance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

UILJ3 Datasheet(HTML) 24 Page - PANDUIT CORP.

Back Button UILJ3 Datasheet HTML 20Page - PANDUIT CORP. UILJ3 Datasheet HTML 21Page - PANDUIT CORP. UILJ3 Datasheet HTML 22Page - PANDUIT CORP. UILJ3 Datasheet HTML 23Page - PANDUIT CORP. UILJ3 Datasheet HTML 24Page - PANDUIT CORP. UILJ3 Datasheet HTML 25Page - PANDUIT CORP. UILJ3 Datasheet HTML 26Page - PANDUIT CORP. UILJ3 Datasheet HTML 27Page - PANDUIT CORP. UILJ3 Datasheet HTML 28Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
22
Labeling Software
Section 10.1 States
The size, color, and contrast of all labels should be selected to ensure that the identifiers are easily read.
Labels should be visible during the installation and normal maintenance of the infrastructure. Labels
should be resistant to the environmental conditions at the point of installation (such as moisture, heat, or
ultraviolet light), and should have a design life equal to or greater than that of the labeled component.
Section 10.2 States
To maximize legibility, all labels shall be printed or generated by a mechanical device.
Laser/Ink jet and Thermal Transfer printers mechanically generate labels made of durable
polymer construction that will withstand the effects of moisture, heat and time.
• Ultimate ID® Network Labeling Software is included at no
charge with each package of laser/inkjet labels
• Fast and easy creation of labels for Ultimate ID ® Network
Labeling System patch panels, faceplates, surface mount
boxes and marker ties
• Create alpha and numeric serializations
• ODBC (Open Data-Base Connectivity) allows importing of
information from electronic databases such as EXCEL^ and
ACCESS^ directly onto the label formats
• Ultimate ID ® System formats are preloaded and ready to use
• On-line help function files, including the TIA/EIA-606-A
Labeling Compliance Brochure that assists in understanding
the TIA/EIA-606-A standard
• Easy to install and supplied on CD-ROM
• Image library that includes commonly used symbols for fax,
data, and voice
• Automatically aligns legends with ports on patch panels
and faceplates
• Vertical line function enables users to separate legends
• Automatic font sizing
• Supports most WINDOWS^ printer drivers and is compatible
with standard desktop laser and ink jet printers
• Ultimate ID ® Software is part of a complete system for
identification designed to efficiently support TIA/EIA-606-A
standard labeling requirements
System Requirements:
• WINDOWS^ 95, 98, Me, 2000, NT 4.x or XP; minimum 486
processor; minimum 10 MB of RAM; 30 MB hard drive space
Ultimate ID ® Network Labeling System Software
Easy-Mark ™ Labeling Software
Order number of software packages required.
^WINDOWS is a registered trademark of Microsoft Corp. in the United States and/or other countries.
• Easy-Mark ™ Labeling Software simplifies label creation for
the specific needs of your applications
• Instructions and user interface are available in English,
French, German, Italian, Spanish, Korean, Chinese
and Portuguese
• Intuitive interview process allows automatic generation of
compliant labels and signs
• Software selects and formats the optimum label
• WYSIWYG (What You See Is What You Get) user interface,
alpha/numeric serialization, data import, symbol import
• Easy-Mark ™ Labeling Software is part of a complete line
of innovative identification solutions from Panduit
• Supports most WINDOWS^ fonts drivers for standard
thermal transfer, dot matrix, laser and ink jet, including
Panduit thermal transfer printers
System Requirements:
• WINDOWS^ 2000, XP, or Vista; 64MB hard drive space
and 64MB RAM (256MB RAM recommended)
Part Number
Part Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
PROG-EMCD3
Easy-Mark™ Labeling Software, supplied on CD-ROM.
1
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com