Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9600DPZ Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9600DPZ
Description  Dual bidirectional bus buffer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9600DPZ Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9600DPZ Datasheet HTML 1Page - NXP Semiconductors PCA9600DPZ Datasheet HTML 2Page - NXP Semiconductors PCA9600DPZ Datasheet HTML 3Page - NXP Semiconductors PCA9600DPZ Datasheet HTML 4Page - NXP Semiconductors PCA9600DPZ Datasheet HTML 5Page - NXP Semiconductors PCA9600DPZ Datasheet HTML 6Page - NXP Semiconductors PCA9600DPZ Datasheet HTML 7Page - NXP Semiconductors PCA9600DPZ Datasheet HTML 8Page - NXP Semiconductors PCA9600DPZ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
NXP Semiconductors
PCA9600
Dual bidirectional bus buffer
• Interfaces with opto-couplers to provide opto-isolation between I2C-bus nodes up to
1 MHz
• Long distance point-to-point or multipoint architectures
4 Ordering information
Package
Type number
Topside
marking
Name
Description
Version
PCA9600D
PCA9600
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
PCA9600DP
9600
TSSOP8
plastic thin shrink small outline package; 8 leads; body
width 3 mm
SOT505-1
Table 1. Ordering information
4.1 Ordering options
Type number
Orderable part
number
Package
Packing method [1] Minimum order
quantity
Temperature
PCA9600D
PCA9600D,118
SO8
REEL 13" Q1/T1
*STANDARD MARK
SMD
2500
Tamb = -40 °C to +85 °C
PCA9600DP,118
TSSOP8
REEL 13" Q1/T1
*STANDARD MARK
SMD
2500
Tamb = -40 °C to +85 °C
PCA9600DP
PCA9600DPZ [2]
TSSOP8
REEL 13" Q1/T1
SSB [3]
2500
Tamb = -40 °C to +85 °C
Table 2. Ordering options
[1]
Standard packing quantities and other packaging data are available at www.nxp.com/packages/.
[2]
Orderable part number PCA9600DPZ is a drop in alternate for PCA9600DP,118.
[3]
This packing method uses a Static Shielding Bag (SSB) solution. Material should be kept in sealed bag between uses.
5 Block diagram
PCA9600
SX (SDA)
RX (RxD, SDA)
SY (SCL)
TX (TxD, SDA)
TY (TxD, SCL)
GND
RY (RxD, SCL)
002aac835
VCC (2.5 V to 15 V)
8
1
7
4
3
2
5
6
Figure 1. Block diagram of PCA9600
PCA9600
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6.1 — 20 December 2021
2 / 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com