Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263AT/AJ Datasheet(PDF) 62 Page - NXP Semiconductors

Part # PCF85263AT/AJ
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263AT/AJ Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button PCF85263AT/AJ Datasheet HTML 58Page - NXP Semiconductors PCF85263AT/AJ Datasheet HTML 59Page - NXP Semiconductors PCF85263AT/AJ Datasheet HTML 60Page - NXP Semiconductors PCF85263AT/AJ Datasheet HTML 61Page - NXP Semiconductors PCF85263AT/AJ Datasheet HTML 62Page - NXP Semiconductors PCF85263AT/AJ Datasheet HTML 63Page - NXP Semiconductors PCF85263AT/AJ Datasheet HTML 64Page - NXP Semiconductors PCF85263AT/AJ Datasheet HTML 65Page - NXP Semiconductors PCF85263AT/AJ Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 92 page
background image
NXP Semiconductors
PCF85263A
Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
Figure 37 shows the waveforms that can be expected. sample clock, vdd_int and stop
are internal nodes. vdd_int is the supply which operates the IC and will be either VDD or
VBAT, depending on the state of the battery switch-over.
sample clock, 16 Hz
t2
t4
t6
t3
TS pin
switch SW 1
stop
running
stopwatch
TSR2
INTA
open
open
closed
stopped
running
TSR2 = t4
TS pin sampled
vdd_int
floating
VSS
t5
aaa-010561
t1
Figure 37. Application example timing
• At and before t1, SW1 is open (TS pin floating). The TS pin is sampled and the internal
pull-up resistor will pull the pin HIGH to vdd_int. No actions are taken by the IC.
• At t2, SW1 is still open. No action is taken by the IC.
• At t3, SW1 closes. The TS pin is now shorted to VSS. The TS pin has not been sampled
yet, so no action is taken by the IC.
• At t4, SW1 is closed. The internal pull-up resistor is enabled, but TS pin remains LOW.
The pin is then sampled and the LOW level detected. As the TSL bit was set for active
LOW detection, the HIGH-LOW transition of TS pin sampled triggers an event.
STOPM mode was configured to allow the TS pin to stop the time counting. As the TSL
bit was set for active LOW, time counting stops when the TS pin is LOW.
Timestamp register 2 was configured to take a copy of the time on an event of the TS
pin, hence TSR2 loads the time t4. TSR2F is also set.
INTA was configured to generate an interrupt when TSR2 loads a new time, hence an
interrupt pulse is seen on INTA.
• At t5, SW1 is opened. No action is taken by the IC.
• At t6, SW1 is open. The internal pull-up is active and the TS pin raises to vdd_int level.
The HIGH level is sampled and causes the stop signal to be released and time starts
counting again.
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 5 — 1 February 2021
62 / 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com