Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATT1/AJ Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF85263ATT1/AJ
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATT1/AJ Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF85263ATT1/AJ Datasheet HTML 1Page - NXP Semiconductors PCF85263ATT1/AJ Datasheet HTML 2Page - NXP Semiconductors PCF85263ATT1/AJ Datasheet HTML 3Page - NXP Semiconductors PCF85263ATT1/AJ Datasheet HTML 4Page - NXP Semiconductors PCF85263ATT1/AJ Datasheet HTML 5Page - NXP Semiconductors PCF85263ATT1/AJ Datasheet HTML 6Page - NXP Semiconductors PCF85263ATT1/AJ Datasheet HTML 7Page - NXP Semiconductors PCF85263ATT1/AJ Datasheet HTML 8Page - NXP Semiconductors PCF85263ATT1/AJ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 92 page
background image
NXP Semiconductors
PCF85263A
Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
• Network powered devices
• Battery backed up systems
• Data loggers
• Digital voice recorders
• Mobile equipment
• Accurate high duration timer
4 Ordering information
Package
Type number
Topside
marking Name
Description
Version
PCF85263AT/A
85263A
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
PCF85263ATL/A
263A
DFN2626-10 plastic thermal enhanced extremely thin small outline
package; no leads; 10 terminals; body 2.6 × 2.6 × 0.5 mm
SOT1197-1
PCF85263ATT/A
263A
TSSOP8
plastic thin shrink small outline package; 8 leads; body width
3 mm
SOT505-1
PCF85263ATT1/A 263A
TSSOP10
plastic thin shrink small outline package; 10 leads; body
width 3 mm
SOT552-1
PCF85263AUK
F
WLCSP12
wafer level package 12 cu pillars; body 1.19 x 0.94 x 0.22
mm with 0.25 mm pitch
SOT2035-1
Table 1. Ordering information
4.1 Ordering options
Type number
Orderable part
number
Package
Packing method
Minimum
order quantity
Temperature
PCF85263AT/A
PCF85263AT/AJ
SO8
reel 13" q1 ndp
2500
Tamb = -40 °C to +85 °C
PCF85263ATL/A PCF85263ATL/AX DFN2626-10 reel 7" q1 ndp
4000
Tamb = -40 °C to +85 °C
PCF85263ATT/A PCF85263ATT/AJ
TSSOP8
reel 13" q1 ndp
2500
Tamb = -40 °C to +85 °C
PCF85263ATT1/A PCF85263ATT1/AJ TSSOP10
reel 13" q1 ndp
2500
Tamb = -40 °C to +85 °C
PCF85263AUK
PCF85263AUKZ
WLCSP12
reel 13" Q1 dry pack 20000
Tamb = -40 °C to +85 °C
Table 2. Ordering options
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 5 — 1 February 2021
2 / 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com