Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OT 20/220...240/24 Datasheet(PDF) 8 Page - Intelligent LED Solutions

Part # OT 20/220...240/24
Description  OSRAM High Bright PowerFlex LED Strips 7.5mm LED Pitch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions

OT 20/220...240/24 Datasheet(HTML) 8 Page - Intelligent LED Solutions

Back Button OT 20/220...240/24 Datasheet HTML 3Page - Intelligent LED Solutions OT 20/220...240/24 Datasheet HTML 4Page - Intelligent LED Solutions OT 20/220...240/24 Datasheet HTML 5Page - Intelligent LED Solutions OT 20/220...240/24 Datasheet HTML 6Page - Intelligent LED Solutions OT 20/220...240/24 Datasheet HTML 7Page - Intelligent LED Solutions OT 20/220...240/24 Datasheet HTML 8Page - Intelligent LED Solutions OT 20/220...240/24 Datasheet HTML 9Page - Intelligent LED Solutions OT 20/220...240/24 Datasheet HTML 10Page - Intelligent LED Solutions OT 20/220...240/24 Datasheet HTML 11Page - Intelligent LED Solutions  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
© IGS Version V5
+44 (0)1635 294606 | info@i-led.co.uk | www.i-led.co.uk
Intelligent LED Solutions, Unit 2, Berkshire Business Centre,
Berkshire Drive, Thatcham, Berkshire, RG19 4EW
A division of Intelligent Group Solutions Ltd
8 of 11
Part Number
Wattage
Voltage
Dimming
High Bright Flex 0.96W
per cut 70.00W per reel
Super Bright Flex 1.44W
per cut 104.00W per reel
Reels per
Driver
Cuts per
Driver
Reels per
Driver
Cuts per
Driver
OT 75/220…240/24
75W
24V
None
1
78
0
52
IZV024-090M- 9767C-SAL
90W
24V
0-10V,
PWM
Signal or
Resistance
1
93
0
62
OT 100/220…240/24 P
100W
24V
None
1
104
0
69
OT 100/220…240/24 DIM P
100W
24V
1-10V
1
104
0
69
IZV024-120M- 9767C-SAL
120W
24V
0-10V,
PWM
Signal or
Resistance
1
125
1
83
ELEMENT 120/220-240/24 G2
120W
24V
None
1
125
1
83
OT 130/220…240/24 P
130W
24V
None
1
135
1
90
OT 130/220…240/24 DIM P
130W
24V
1-10V
1
135
1
90
OT SLIM 160/220-240/24
160W
24V
None
2
260
1
111
ELEMENT 180/220-240/24 G2
180W
24V
None
2
187
1
125
OT 250/220…240/24 P
250W
24V
None
3
260
2
173
OT 250/220…240/24 DIM P
250W
24V
1-10V
3
260
2
173
OT SLIM 250/220-240/24
250W
24V
None
3
260
2
173
Click here to visit our website for our latest range
POWERFLEX THERMAL INTERFACE MATERIAL OPTIONS
These strips have 3M thermal tape already attached for perfect thermal bonding.
Click here to visit our website for our latest range



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com