Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM48AM1684LBA Datasheet(PDF) 4 Page - Eorex Corporation

Part # EM48AM1684LBA
Description  256Mb (4M횞4Bank횞16) Synchronous DRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM48AM1684LBA Datasheet(HTML) 4 Page - Eorex Corporation

  EM48AM1684LBA Datasheet HTML 1Page - Eorex Corporation EM48AM1684LBA Datasheet HTML 2Page - Eorex Corporation EM48AM1684LBA Datasheet HTML 3Page - Eorex Corporation EM48AM1684LBA Datasheet HTML 4Page - Eorex Corporation EM48AM1684LBA Datasheet HTML 5Page - Eorex Corporation EM48AM1684LBA Datasheet HTML 6Page - Eorex Corporation EM48AM1684LBA Datasheet HTML 7Page - Eorex Corporation EM48AM1684LBA Datasheet HTML 8Page - Eorex Corporation EM48AM1684LBA Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
eorex
EM48AM1684LBA
Jul. 2006
www.eorex.com
Absolute Maximum Rating
Symbol
Item
Rating
Units
VIN, VOUT
Input, Output Voltage
-0.3 ~ VDDQ+0.3
V
VDD, VDDQ
Power Supply Voltage
-0.3 ~ +2.7
V
Commercial
0 ~ +70
TOP
Operating Temperature Range
Extended
-25 ~ +85
°C
TSTG
Storage Temperature Range
-55 ~ +150
°C
PD
Power Dissipation
0.7
W
IOS
Short Circuit Current
50
mA
Note: Caution Exposing the device to stress above those listed in Absolute Maximum Ratings could
cause permanent damage. The device is not meant to be operated under conditions outside the
limits described in the operational section of this specification. Exposure to Absolute Maximum
Rating conditions for extended periods may affect device reliability.
Capacitance (VCC=1.8V ± 0.1V, f=1MHz, TA=25°C)
Symbol
Parameter
Min.
Typ.
Max.
Units
CCLK
Clock Capacitance
1.5
3.0
pF
CI
Input Capacitance for CLK, CKE, Address,
/CS, /RAS, /CAS, /WE, DQML, DQMU
1.5
3.0
pF
CO
Input/Output Capacitance
3.0
5.0
pF
Recommended DC Operating Conditions (TA=0°C ~+70°C)
Symbol
Parameter
Min.
Typ.
Max.
Units
VDD
Power Supply Voltage
1.65
1.8
1.95
V
VDDQ
Power Supply Voltage (for I/O Buffer)
1.65
1.8
1.95
V
VIH
Input Logic High Voltage
0.8*VDDQ
VDDQ+0.3
V
VIL
Input Logic Low Voltage
-0.3
0.3
V
Note: * All voltages referred to VSS.
* VIH (max.) = VDD+0.8V for pulse width 4ns
* VIL (min.) = Vss-0.8V for pulse width 4ns
4/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com