Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9ST-13 Datasheet(PDF) 2 Page - Prokits Industries Co., LTD

Part # 9ST-13
Description  PK-616C Professional Electronic Tool Kit (with UK plug)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSKITINDUSTRIES [Prokits Industries Co., LTD]
Direct Link  https://www.prokits.com.tw/
Logo PROSKITINDUSTRIES - Prokits Industries Co., LTD

9ST-13 Datasheet(HTML) 2 Page - Prokits Industries Co., LTD

  9ST-13 Datasheet HTML 1Page - Prokits Industries Co., LTD 9ST-13 Datasheet HTML 2Page - Prokits Industries Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P2 / 2
Product Weight (w/o package)
:
Weight(Kg)
Measurement
2.2kgs
L(mm)
W(mm)
H(mm)
385
300
60
Individual Packing
Packing
:
Master Packing
:
Pcs
Kg
(N.W)
Kg
(G.W)
Measurement
CUFT
L(cm)
W(cm)
H(cm)
Individual Packing
1
-
2.2
38.5
30
6
-
Inner Box
1
2.2
38.5
30
6
-
CTN
5
11
12
39
33
28
1.27
~ THE END ~



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com